Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp UPC1909GS Datasheet HTML 32Page - Renesas Technology Corp UPC1909GS Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Data Sheet G14309EJ2V0DS00
27
µµµµPC1909
4.7 Overcurrent Limiter Settings
The OC pin in the
µPC1909 allows the realization of a pulse-by-pulse overcurrent limiter, whose configuration is shown
in Figure 4-11 below.
Figure 4-11.
µµµµPC1909 Overcurrent Limiter
GND
IB(OC)
VTH(OC)
CT
OC
OUT1
16
SQ
R
3
4
11
Main switch
Output circuit of OUT1
Threshold voltage (3 V TYP.)
Flip-flop
Overcurrent detection comparator
PWM comparator 1
If overcurrent is detected by the overcurrent detection comparator, OUT1 is latched to low level by the flip-flop.
Moreover, if the triangle wave generated by the oscillator and a voltage with a threshold value that causes the output
latch to be reset are input to the other comparator the flip-flop will be reset at each cycle.
Because the reset threshold voltage is internally set to 3 V TYP. (about 75% VREF), if a maximum duty of 75% or over is
set by the DTC1 pin thus activating overcurrent limitation by the OC pin, two pulses will be inadvertently output in one
cycle. To allow for differences in ICs, do not set the maximum duty of DTC1 (60% or over) to more than 65% when
applying overcurrent limitation using the OC pin. Alternatively, do not use OC pin overcurrent limitation if setting the
maximum duty (60% or over) to more than 65%. In this case (overcurrent limitation current not used), connect the OC pin
directly to GND.
Discharge current flows through the OC pin. This discharge current is expressed as the input bias current of the
overcurrent latch block (IB(OC)). Although a filter is attached to the OC pin to prevent the overcurrent latch circuit from
malfunctioning due to the surge current that flows when the power MOS FET is turned on, be sure to set the resistor to
no more than 100
Ω to stop IB(OC) causing a shift in the overcurrent detection point.
When overcurrent is being limited by the OC pin, OUT1 operates at the minimum pulse width limitable by the
overcurrent latch circuit. The minimum pulse width is the sum of the
µPC1909’s overcurrent detection delay time (td(OC)),
the delay of the filter attached to the OC pin, and the turn-on time of the power MOS FET.
During steady operation (DTC2 < FB < DTC1), OUT2 operates at the duty determined by the FB voltage. Because the
FB voltage rises when the output of the converter drops, the duty of the OUT2 output drops in line with the converter
output, until it reaches the minimum duty set by the DTC1 voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com