Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp UPC1909GS Datasheet HTML 32Page - Renesas Technology Corp UPC1909GS Datasheet HTML 33Page - Renesas Technology Corp UPC1909GS Datasheet HTML 34Page - Renesas Technology Corp UPC1909GS Datasheet HTML 35Page - Renesas Technology Corp UPC1909GS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet G14309EJ2V0DS00
30
µµµµPC1909
5. PACKAGE DRAWINGS
ITEM
MILLIMETERS
A
B
C
F
G
H
I
J
K
20.32 MAX.
2.54 (T.P.)
3.5
±0.3
0.51 MIN.
4.31 MAX.
1.27 MAX.
L
0.25
7.62 (T.P.)
5.08 MAX.
6.5
N
1.1 MIN.
P
1.1 MIN.
P16C-100-300B-2
D
0.50
±0.10
M
0.25+0.10
−0.05
R0
∼15°
NOTES
Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
Item "K" to center of leads when formed parallel.
1.
2.
M
1
8
16
9
B
I
J
G
H
C
N
F
D
M
R
K
P
16-PIN PLASTIC DIP (7.62mm(300))
A
L
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com