Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 13Page - Renesas Technology Corp UPC1909GS Datasheet HTML 14Page - Renesas Technology Corp UPC1909GS Datasheet HTML 15Page - Renesas Technology Corp UPC1909GS Datasheet HTML 16Page - Renesas Technology Corp UPC1909GS Datasheet HTML 17Page - Renesas Technology Corp UPC1909GS Datasheet HTML 18Page - Renesas Technology Corp UPC1909GS Datasheet HTML 19Page - Renesas Technology Corp UPC1909GS Datasheet HTML 20Page - Renesas Technology Corp UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Data Sheet G14309EJ2V0DS00
15
µµµµPC1909
3.3 Overcurrent Limitation Operation
The internal configuration of the overcurrent latch circuit is shown in Figure 3-3 below.
Figure 3-3.
µµµµPC1909 Overcurrent Latch Circuit
VTH(OC)
To output circuit of OUT1
OC
CT
To PWM comparator 2
4
16
3 V
SQ
R
Overcurrent detection comparator
Flip-flop
If a voltage that exceeds the overcurrent detection voltage (VTH(OC) = 210 mV TYP.) is input to the OC pin, OUT1 is
latched to low level, and then OUT2 is latched to high level. The time between the detection of overcurrent and when
OUT1 becomes low level is the overcurrent detection delay time. Moreover, if the voltage of the CT pin exceeds 3.0 V, the
reset signal will be input to the flip-flop, and the latch status of OUT1 and OUT2 will be reset. When the OC pin voltage
reaches the overcurrent detection voltage, even in the cycle in which the latch status was reset, the latch and reset
operations will be repeated. In other words, the pulse width is limited every cycle (pulse-by-pulse current limitation).
The waveforms when overcurrent limitation is operating are shown in Figure 3-4 below.
Figure 3-4. Waveforms When Overcurrent Limitation Is Operating
OUT1
OC
DTC1
FB
DTC2
OUT2
CT
dCT
Reset voltage (3 V)
T6
td(OC)
VTH(OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com