Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 18Page - Renesas Technology Corp UPC1909GS Datasheet HTML 19Page - Renesas Technology Corp UPC1909GS Datasheet HTML 20Page - Renesas Technology Corp UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Data Sheet G14309EJ2V0DS00
20
µµµµPC1909
Note that when the rising of VREF is later than the rising of VCC at startup, OUT1 and OUT2 become high level
simultaneously when VREF is in a range of about 0.45 to 0.5 V, which may result in the external power MOS FET being
inadvertently turned on. To prevent this, speed up the rising of VREF by pulling it up to VCC with a resistor. Note, however,
that the standby current (ICC(SB)) will increase by only the current that flows through the connected resistor.
The pull-up resistance value (R) can be calculated from the following equation.
R [k
Ω] =
0.1 [mA]
VCC(MAX.) [V]
− 0.5
Remark VCC(MAX.): The highest power supply voltage that can be applied at startup without causing malfunction.
For the same reason, if VCC drops below the operation stopped voltage (VCC(L to H) – VH), VREF and the constant current
circuit will be cut-off, which weakens the drive capacity of the OUT1 and OUT2 outputs when the power supply is cut-off.
If this drive capacity is weakened, the charge that has accumulated at the power MOS FET gates may not be sufficiently
discharged, blunting the falling section of the power MOS FET gate drive waveform. In this case, connecting a capacitor
of at least 0.47
µF between the VREF pin and GND allows sufficient time and output block drive capacity to discharge the
charge accumulated at the gates of the power MOS FET.
Because the operation start and stop voltages in the
µPC1909 are 9 V TYP. and 5 V TYP. respectively, VREF is output
while operation is stopped until VCC is 5 V or lower. However, when VCC reaches about 6.5 V, VREF falls together with
VCC, as can be seen in Figure 4-3. When VREF falls, the constant current value of the triangle wave oscillator decreases,
causing the oscillation frequency to drop.
Figure 4-3. VREF vs. VCC Characteristics
10
9
8
7
6
5
4
3
2
1
0
1
2
3
4
5
6
IREF = 10 mA
IREF = 0 A
TA = 25
°C
VH
VCC(L to H)
VCC - Supply Voltage - V
In standard applications, VREF is resistance-divided to create the DTC1, DTC2, and FB voltages. In addition, because
the levels of the triangle wave (CT) and internally level-shifted triangle wave (dCT) are also generated internally by
dividing the resistance of VREF, if VREF drops, each of the above will drop in proportion to VREF. As a result, even if the
oscillation frequency drops, standard applications are not affected. Further study will be required, however, including for
transient states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com