Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp UPC1909GS Datasheet HTML 30Page - Renesas Technology Corp UPC1909GS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Data Sheet G14309EJ2V0DS00
25
µµµµPC1909
4.5 Duty Settings
4.5.1 Maximum duty setting
In the steady operation state (DTC2 < FB < DTC1), the duty during operation at the FB voltage is determined by OUT1
and OUT2. To set the duty as an independent FB input at times such as at startup, during low voltage input, and when the
current is limited, the OUT1 and OUT2 outputs must be set to their maximum duty values. Set the maximum duty for OUT1
and OUT2 via the DTC1 and DTC2 pins, respectively, as shown in Figure 4-9.
Figure 4-9. Maximum Duty Settings in
µµµµPC1909
VREF
DTC2
DTC1
GND
13
5
3
14
Note that when pulse-by-pulse current limitation is being applied using the OC pin, the maximum duty of OUT1 should be
set to between 60 and 65%. This is because the duty conversion of OUT1 sets the reset level of the internal OC circuit to
about 75%. For details, refer to 4.7 Overcurrent Limiter Settings.
There is no limit to the maximum duty of OUT2.
4.5.2 Minimum duty limit
When OUT1 is operating at maximum duty, if OUT2 is not output, it may inadvertently be set to a duty of 0%, depending
on the value of “OUT1 ON time + tqc + tqd”. If OUT2 has 0% duty when active clamping, the transformer will not be able to
be reset, and a minimum duty limit will have to be set for OUT2 at the same time the maximum duty of OUT1 is
determined. Because the DTC1 pin is also the input of PWM comparator 2 on the OUT2 side, if the FB voltage is higher
than the DTC1 voltage, the DTC1 voltage is compared with dCT and the minimum duty of OUT2 is limited.
4.5.3 Soft start
This IC incorporates a transistor for discharging the soft start capacitor connected between the DCT1 pin and GND. If
VCC falls below the operation stopped voltage (5 V TYP.) or if the ON/OFF pin becomes low level (off), the DTC1 pin
becomes low level and the soft start capacitor is initialized.
There is no such transistor incorporated on the DTC2 side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com