Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp UPC1909GS Datasheet HTML 28Page - Renesas Technology Corp UPC1909GS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Data Sheet G14309EJ2V0DS00
23
µµµµPC1909
Figure 4-6.
µµµµPC1909 Level Shift Circuit (OLS)
GND
3
VREF
14
CT
RCT2
16
CT2
2
PWM comparator 1
PWM comparator 2
To output circuit of OUT1
To output circuit of OUT2
Figure 4-7. Relationship Between fOSC, tqd and RCT2
10
0.01
1
0.1
10
100
100
1000
OUT1
50%
50%
tqd
OUT2
RCT2 = 300 k
Ω
RCT2 = 200 k
Ω
RCT2 = 100 k
Ω
RCT2 = 50 k
Ω
RCT2 = 20 k
Ω
RCT2 = 10 k
Ω
RCT2 = 5 k
Ω
VCC = 10 V
FB = 2.5 V
fosc - Oscillation Frequency - kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com