Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 3Page - Renesas Technology Corp UPC1909GS Datasheet HTML 4Page - Renesas Technology Corp UPC1909GS Datasheet HTML 5Page - Renesas Technology Corp UPC1909GS Datasheet HTML 6Page - Renesas Technology Corp UPC1909GS Datasheet HTML 7Page - Renesas Technology Corp UPC1909GS Datasheet HTML 8Page - Renesas Technology Corp UPC1909GS Datasheet HTML 9Page - Renesas Technology Corp UPC1909GS Datasheet HTML 10Page - Renesas Technology Corp UPC1909GS Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Data Sheet G14309EJ2V0DS00
5
µµµµPC1909
1. PIN FUNCTION LIST
Pin No.
Symbol
Function
1
OV
Overvoltage protection
This is the input pin of the overvoltage detection comparator. Directly connect this pin to GND when not used.
2CT2
OLS shift setting
The resistor that determines the amount of level shift for dCT (an internal triangle wave that is a level-shifted CT)
is connected between this pin and the VREF pin.
3
GND
Ground
This is the signal ground pin.
4
OC
Overcurrent protection
This is the input pin of the overcurrent detection comparator. Directly connect this pin to GND when not used.
5DTC2
OUT2 dead time setting
This pins sets the dead time of the OUT2 output.
6OUT2
OUT2 output
This is the subswitch drive output pin.
7
ON/OFF
ON/OFF control
The output circuit can be switched on or off by inputting an external signal.
Directly connect this pin to VREF when not used.
8EMI2
OUT2 emitter
This is a power supply ground pin. This pin must be isolated from the signal ground pin (GND).
9VCC
Power supply
10
EMI1
OUT1 emitter
This is a power supply ground pin. This pin must be isolated from the signal ground pin (GND).
11
OUT1
OUT1 output
This is the main switch drive output pin.
12
FB
Feedback input
This is the feedback input pin of PWM comparators 1 and 2.
13
DTC1
OUT1 dead time setting
This pin sets the maximum duty of the OUT1 output and determines the minimum duty of the OUT2 output.
14
VREF
Reference voltage
This pin outputs a 4.9-V TYP. reference voltage.
15
RT
Timing resistance
The resistor that determines the oscillation frequency is connected between this pin and GND.
16
CT
Timing capacitance
The capacitor that determines the oscillation frequency is connected between this pin and GND.
This pin outputs a triangle wave.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com