Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1909GS Datasheet HTML 1Page - Renesas Technology Corp UPC1909GS Datasheet HTML 2Page - Renesas Technology Corp UPC1909GS Datasheet HTML 3Page - Renesas Technology Corp UPC1909GS Datasheet HTML 4Page - Renesas Technology Corp UPC1909GS Datasheet HTML 5Page - Renesas Technology Corp UPC1909GS Datasheet HTML 6Page - Renesas Technology Corp UPC1909GS Datasheet HTML 7Page - Renesas Technology Corp UPC1909GS Datasheet HTML 8Page - Renesas Technology Corp UPC1909GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1909
SWITCHING REGULATOR CONTROL IC
Document No. G14309EJ2V0DS00 (2nd edition)
Date Published November 2000 NS CP(K)
Printed in Japan
DATA SHEET
1999
©
DESCRIPTION
The
µPC1909 is a switching regulator control IC ideal for primary side control of active-clamp typeNote DC/DC
converters. This IC has 2 outputs employing a totem-pole circuit with peak output current 1.2 A, and is capable of
directly driving a power MOS FET. As a result, it has been possible to realize primary side control of an active-clamp
type converter on a single chip.
Note It is necessary to obtain license from Vicor Corporation before using the
µPC1909 in an active-clamp type circuit.
FEATURES
•
2 on-chip outputs; for Q and Q
•
Capable of directly driving a power MOS FET
•
Drive supply voltage range: 7 to 24 V
•
On-chip remote control circuit
•
On-chip pulse-by-pulse overcurrent protection circuit
•
On-chip overvoltage latch circuit
ORDERING INFORMATION
Part Number
Package
µPC1909CX
16-pin plastic DIP (7.62 mm (300))
µPC1909GS
16-pin plastic SOP (7.62 mm (300))
The mark 5 shows major revised points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com