Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909GS Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPC1909GS
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909GS Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPC1909GS Datasheet HTML 19Page - Renesas Technology Corp UPC1909GS Datasheet HTML 20Page - Renesas Technology Corp UPC1909GS Datasheet HTML 21Page - Renesas Technology Corp UPC1909GS Datasheet HTML 22Page - Renesas Technology Corp UPC1909GS Datasheet HTML 23Page - Renesas Technology Corp UPC1909GS Datasheet HTML 24Page - Renesas Technology Corp UPC1909GS Datasheet HTML 25Page - Renesas Technology Corp UPC1909GS Datasheet HTML 26Page - Renesas Technology Corp UPC1909GS Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Data Sheet G14309EJ2V0DS00
21
µµµµPC1909
4.3 Oscillator Settings
The oscillator circuit is shown in Figure 4-4 below.
Figure 4-4.
µµµµPC1909 Oscillator Circuit
GND
3
ICT
Tr1
Tr3
Tr2
2·ICT
VTH(H)
VREF
14
RT
RT
15
CT
CT
16
VTH(L)
SQ
R
Comparator H
Flip-flop
Comparator L
A timing resistor (RT) is connected between the RT pin and GND, and a timing capacitor (CT) is connected between the
CT pin and GND. The charge/discharge current of CT is determined by RT. The oscillator operates as follows.
<1>
If ICT is taken as the current that flows through Tr1, the current the flows through Tr3 is set as 2 x ICT. Because
the flip-flop (Q) outputs a high level at startup, Tr2 is off, and CT is charged with ICT.
<2>
When the CT voltage reaches VTH(H) = 3.5 V TYP., the output of comparator H is inverted, and Tr2 is turned on.
Due to the discharging of the current set by 2 x ICT, the current flowing through CT is (ICT – 2 x ICT) = – ICT, so
CT is discharged by ICT.
<3>
If the CT voltage drops to VTH(L) = 1.5 V TYP., the output of comparator L is inverted, the flip-flop is reset, and
CT is recharged because Tr2 is off.
<4>
<2> and <3> are repeated, generating a triangle wave with an amplitude of 1.5 to 3.5 V.
The oscillation frequency can be approximated from the following equation.
fOSC
[kHz]
0.8251
× CT [pF] × (RT [kΩ] + 0.8) + 320
1
× 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com