Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 20Page - Microchip Technology MCP65R46T Datasheet HTML 21Page - Microchip Technology MCP65R46T Datasheet HTML 22Page - Microchip Technology MCP65R46T Datasheet HTML 23Page - Microchip Technology MCP65R46T Datasheet HTML 24Page - Microchip Technology MCP65R46T Datasheet HTML 25Page - Microchip Technology MCP65R46T Datasheet HTML 26Page - Microchip Technology MCP65R46T Datasheet HTML 27Page - Microchip Technology MCP65R46T Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
MCP65R41/6
DS20002269C-page 24
 2010-2020 Microchip Technology Inc.
To determine the trip voltages (VTLH and VTHL) for the
circuit shown in Figure 4-6, R2 and R3 can be simplified
to the Thevenin equivalent circuit with respect to VREF,
as shown in Figure 4-8:
FIGURE 4-8:
Thevenin Equivalent Circuit.
By using this simplified circuit, the trip voltage can be
calculated using the following equation:
EQUATION 4-1:
Figures 2-25 and 2-28 can be used to determine the
typical values for VOH and VOL.
4.4
Bypass Capacitors
With this family of comparators, the power supply pin
(VDD for single supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
edge rate performance.
4.5
Capacitive Loads
4.5.1
OUT PIN
Reasonable capacitive loads (i.e., logic gates) have lit-
tle impact on the propagation delay (see Figure 2-34).
The supply current increases with the increasing toggle
frequency (Figure 2-22), especially with higher capaci-
tive loads. The output slew rate and propagation delay
performance will be reduced with higher capacitive
loads.
4.5.2
VREF PIN
The reference output is designed to interface to the
comparator input pins, either directly or with some
resistive network (e.g., a voltage divider network) with
minimal capacitive load. The recommended capacitive
load is 200 pF (typical). Capacitive loads greater than
2000 pF may cause the VREF output to oscillate at
power up.
V23
VOUT
VDD
R23
RF
+
-
VSS
VPU
RPU*
* Pull-up resistor required for the MCP65R46 only.
Where:
R23
R2R3
R2 R3
+
-------------------
=
V23
R3
R2 R3
+
------------------- VREF
=
VTHL
VOH
R23
R23 RF
+
-----------------------



V23
RF
R23 RF
+
----------------------


+
=
VTLH
VOL
R23
R23 RF
+
-----------------------



V23
RF
R23 RF
+
----------------------


+
=
Where:
VTLH = trip voltage from low to high
VTHL = trip voltage from high to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com