Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 12Page - Microchip Technology MCP65R46T Datasheet HTML 13Page - Microchip Technology MCP65R46T Datasheet HTML 14Page - Microchip Technology MCP65R46T Datasheet HTML 15Page - Microchip Technology MCP65R46T Datasheet HTML 16Page - Microchip Technology MCP65R46T Datasheet HTML 17Page - Microchip Technology MCP65R46T Datasheet HTML 18Page - Microchip Technology MCP65R46T Datasheet HTML 19Page - Microchip Technology MCP65R46T Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
MCP65R41/6
DS20002269C-page 16
 2010-2020 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-55:
VREF vs. IREF over
Temperature.
FIGURE 2-56:
VREF vs. IREF over
Temperature.
FIGURE 2-57:
VREF vs. IREF over
Temperature.
FIGURE 2-58:
VREF vs. Temperature.
FIGURE 2-59:
VREF vs. Temperature.
FIGURE 2-60:
Short Circuit Current vs.
VDD.
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
-0.5
-0.3
-0.1
0.1
0.3
0.5
IREF (µA)
VDD = 1.8V
TA = +85°C
TA = +25°C
TA = -40°C
TA = +125°C
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
-0.5
-0.3
-0.1
0.1
0.3
0.5
IREF (µA)
VDD = 5.5V
TA = +85°C
TA = +25°C
TA = -40°C
TA = +125°C
2.35
2.37
2.39
2.41
2.43
2.45
-0.5
-0.3
-0.1
0.1
0.3
0.5
IREF (µA)
VDD = 5.5V
TA = +85°C
TA = +25°C
TA = -40°C
TA = +125°C
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD = 1.8V
Temp. Co. = 27ppm
VDD = 5.5V
Temp. Co. = 22ppm
2.35
2.37
2.39
2.41
2.43
2.45
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD = 5.5V
Temp. Co. = 23ppm
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
1.5
2.5
3.5
4.5
5.5
VDD (V)
Sourcing
Sinking
VREF = 1.21V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com