Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 22Page - Microchip Technology MCP65R46T Datasheet HTML 23Page - Microchip Technology MCP65R46T Datasheet HTML 24Page - Microchip Technology MCP65R46T Datasheet HTML 25Page - Microchip Technology MCP65R46T Datasheet HTML 26Page - Microchip Technology MCP65R46T Datasheet HTML 27Page - Microchip Technology MCP65R46T Datasheet HTML 28Page - Microchip Technology MCP65R46T Datasheet HTML 29Page - Microchip Technology MCP65R46T Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MCP65R41/6
DS20002269C-page 26
 2010-2020 Microchip Technology Inc.
4.7.3
OVERTEMPERATURE
PROTECTION CIRCUIT
The MCP65R41 device can be used as an
overtemperature protection circuit using a thermistor.
The 2.4V VREF can be used as stable reference to the
thermistor, the alert threshold and hysteresis threshold.
This is ideal for battery powered applications, where
the change in temperature and output toggle
thresholds would remain fixed as battery voltage
decays over time.
FIGURE 4-12:
Overtemperature Alert
Circuit.
VOUT
VDD
R2
RF
R3
VREF
VPU
RPU*
* Pull-up resistor required for the MCP65R46 only.
R4
Thermistor
VREF
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com