Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 7Page - Microchip Technology MCP65R46T Datasheet HTML 8Page - Microchip Technology MCP65R46T Datasheet HTML 9Page - Microchip Technology MCP65R46T Datasheet HTML 10Page - Microchip Technology MCP65R46T Datasheet HTML 11Page - Microchip Technology MCP65R46T Datasheet HTML 12Page - Microchip Technology MCP65R46T Datasheet HTML 13Page - Microchip Technology MCP65R46T Datasheet HTML 14Page - Microchip Technology MCP65R46T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 11
MCP65R41/6
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-25:
Output Headroom vs.
Output Current.
FIGURE 2-26:
Low-to-High and
High-to-Low Propagation Delays.
FIGURE 2-27:
Low-to-High and
High-to-Low Propagation Delays.
FIGURE 2-28:
Output Headroom vs.
Output Current.
FIGURE 2-29:
Low-to-High and
High-to-Low Propagation Delays.
FIGURE 2-30:
Low-to-High and
High-to-Low Propagation Delays.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
1.0
2.0
3.0
4.0
5.0
IOUT (mA)
VDD= 1.8V
VDD -VOH
TA = +125°C
TA = -40°C
VOL
TA = +125°C
TA = -40°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
1
2
34
5
6
78
9
10
Prop. Delay (µs)
VDD = 1.8V
100 mV Over-Drive
VCM = VDD/2
tPLH
Avg. = 3.92 µs
StDev= 0.45 µs
850 units
tPHL
Avg. = 3.53 µs
StDev= 0.27 µs
850 units
MCP65R41
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
01
2
3
456
7
8
9
10
Prop. Delay (µs)
VDD = 5.5V
100 mV Over-Drive
VCM = VDD/2
tPHL
Avg. = 4.76 µs
StDev = 0.38 µs
850 units
tPLH
Avg. = 4.97 µs
StDev = 0.41 µs
850 units
MCP65R41
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
20
25
IOUT (mA)
VDD = 5.5V
VOL
TA = +125°C
TA = -40°C
VDD - VOH
TA = +125°C
TA = -40°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
01
23
45
6
7
8
9
10
Prop. Delay (µs)
VDD= 1.8V
100 mV Over-Drive
VCM = VDD/2
tPLH
Avg. = 2.5 µs
StDev= 0.15 µs
850 units
tPHL
Avg. = 3.6 µs
StDev= 0.19 µs
850 units
MCP65R46
0%
10%
20%
30%
40%
50%
60%
70%
80%
01
23
45
6
7
8
9
10
Prop. Delay (µs)
VDD = 5.5V
100 mV Over-Drive
VCM = VDD/2
tPLH
Avg. = 3.1 µs
StDev = 0.16 µs
850 units
tPHL
Avg. = 4.9 µs
StDev = 0.26 µs
850 units
MCP65R46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com