Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 5Page - Microchip Technology MCP65R46T Datasheet HTML 6Page - Microchip Technology MCP65R46T Datasheet HTML 7Page - Microchip Technology MCP65R46T Datasheet HTML 8Page - Microchip Technology MCP65R46T Datasheet HTML 9Page - Microchip Technology MCP65R46T Datasheet HTML 10Page - Microchip Technology MCP65R46T Datasheet HTML 11Page - Microchip Technology MCP65R46T Datasheet HTML 12Page - Microchip Technology MCP65R46T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 9
MCP65R41/6
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-13:
Input Hysteresis Voltage vs.
Common-Mode Input Voltage.
FIGURE 2-14:
Input Hysteresis Voltage vs.
Common-Mode Input Voltage.
FIGURE 2-15:
Input Hysteresis Voltage vs.
Supply Voltage vs. Temperature.
FIGURE 2-16:
Quiescent Current.
FIGURE 2-17:
Quiescent Current vs.
Common-Mode Input Voltage.
FIGURE 2-18:
Quiescent Current vs.
Common-Mode Input Voltage.
1.0
2.0
3.0
4.0
5.0
-0.3
0.00.3
0.60.9
1.21.5
1.82.1
VCM (V)
VDD = 1.8V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
1.0
2.0
3.0
4.0
5.0
-0.5
0.51.5
2.53.5
4.55.5
VCM (V)
VDD = 5.5V
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
1.0
2.0
3.0
4.0
5.0
1.5
2.5
3.5
4.5
5.5
VDD (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.01.0
2.03.0
4.0
5.0
IQ (µV/V)
VDD = 1.8V
850 units
Temp +125°C
Avg. = 3.51 µA
StDev= 0.07 µA
Temp +85°C
Avg. = 3 µA
StDev= 0.07 µA
Temp +25°C
Avg. = 2.52 µA
StDev= 0.08 µA
Temp -40°C
Avg. = 1.93 µA
StDev= 0.08 µA
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
VCM (V)
VDD = 1.8V
Sweep VIN- ,VIN+ =
Sweep VIN+ ,VIN- = VDD/2
Sweep VIN- ,VIN+ = VDD/2
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
VDD = 5.5V
Sweep VIN- ,VIN+ = VDD/2
Sweep VIN+ ,VIN- = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com