Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 28Page - Microchip Technology MCP65R46T Datasheet HTML 29Page - Microchip Technology MCP65R46T Datasheet HTML 30Page - Microchip Technology MCP65R46T Datasheet HTML 31Page - Microchip Technology MCP65R46T Datasheet HTML 32Page - Microchip Technology MCP65R46T Datasheet HTML 33Page - Microchip Technology MCP65R46T Datasheet HTML 34Page - Microchip Technology MCP65R46T Datasheet HTML 35Page - Microchip Technology MCP65R46T Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 33
MCP65R41/6
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a) MCP65R41T-1202E/CHY: Push-Pull Output,
1.2VREF, Tape and Reel,
6LD SOT-23 package
b) MCP65R41T-2402E/CHY: Push-Pull Output,
2.4VREF, Tape and Reel,
6LD SOT-23 package
c) MCP65R46T-1202E/CHY: Open-Drain Output,
1.2VREF, Tape and Reel,
6LD SOT-23 package
d) MCP65R46T-2402E/CHY: Open-Drain Output,
2.4VREF,Tape and Reel,
6LD SOT-23 package.
PART NO.
X
/XX
Package
Tape and
Device
X
Temperature
Range
-XX
Reference
XX
Reference
Voltage
Tolerance
Device:
MCP65R41T: Push-Pull Output Comparator
MCP65R46T: Open-Drain Output Comparator
Reference Voltage:
12 = 1.21V (typical) Initial Reference Voltage
24 = 2.4V (typical) Initial Reference Voltage
Reference Tolerance: 02 = 2% Reference Voltage Tolerance
Temperature Range:
E= -40
C to+125C(Extended)
Package:
CHY= Plastic Small Outline Transistor, 6-Lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com