Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 21Page - Microchip Technology MCP65R46T Datasheet HTML 22Page - Microchip Technology MCP65R46T Datasheet HTML 23Page - Microchip Technology MCP65R46T Datasheet HTML 24Page - Microchip Technology MCP65R46T Datasheet HTML 25Page - Microchip Technology MCP65R46T Datasheet HTML 26Page - Microchip Technology MCP65R46T Datasheet HTML 27Page - Microchip Technology MCP65R46T Datasheet HTML 28Page - Microchip Technology MCP65R46T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 25
MCP65R41/6
4.6
PCB Surface Leakage
In applications where the low input bias current is
critical, the Printed Circuit Board (PCB) surface
leakage effects need to be considered. Surface
leakage is caused by humidity, dust or other type of
contamination on the board. Under low humidity
conditions, a typical resistance between nearby traces
is 1012
. A 5V difference would cause 5 pA of current
to flow. This is greater than the MCP65R41/6 family’s
bias current at +25°C (1 pA, typical).
The easiest way to reduce the surface leakage is to use
a guard ring around the sensitive pins (or traces). The
guard ring is biased at the same voltage as the
sensitive pin. An example of this type of layout is shown
in Figure 4-9.
FIGURE 4-9:
Example of a Guard Ring
Layout for Inverting Circuit.
Use the following steps for an inverting configuration
(Figures 4-6):
1.
Connect the guard ring to the noninverting input
pin (VIN+). This biases the guard ring to the
same reference voltage as the
comparator
(e.g., VDD/2 or ground).
2.
Connect the inverting pin (VIN-) to the input pad
without touching the guard ring.
Use the following steps for a noninverting configuration
(Figure 4-4):
1.
Connect the noninverting pin (VIN+) to the input
pad without touching the guard ring.
2.
Connect the guard ring to the inverting input pin
(VIN-).
4.7
Typical Applications
4.7.1
PRECISE COMPARATOR
Some applications require a higher DC precision. A
simple way to address this need is using an amplifier
(such as the MCP6041 – a 600 nA low power and
14 kHz bandwidth op amp) to gain-up the input signal
before it reaches the comparator. Figure 4-10 shows
an example of this approach, which also level shifts to
VPU using the Open-Drain option, the MCP65R46.
FIGURE 4-10:
Precise Inverting
Comparator.
4.7.2
BISTABLE MULTI-VIBRATOR
A simple bistable multi-vibrator design is shown in
Figure 4-11. VREF needs to be between ground and the
maximum comparator internal VREF of 2.4V to achieve
oscillation. The output duty cycle changes with VREF.
FIGURE 4-11:
Bistable Multi-Vibrator.
Guard Ring
VSS
IN-
IN+
VREF
VDD
VDD
R1
R2
VOUT
VIN
VREF
VPU
RPU
MCP65R46
MCP6041
VREF
VDD
R1
R2
R3
VREF
C1
VOUT
MCP65R41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com