Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP65R46T Datasheet HTML 6Page - Microchip Technology MCP65R46T Datasheet HTML 7Page - Microchip Technology MCP65R46T Datasheet HTML 8Page - Microchip Technology MCP65R46T Datasheet HTML 9Page - Microchip Technology MCP65R46T Datasheet HTML 10Page - Microchip Technology MCP65R46T Datasheet HTML 11Page - Microchip Technology MCP65R46T Datasheet HTML 12Page - Microchip Technology MCP65R46T Datasheet HTML 13Page - Microchip Technology MCP65R46T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
MCP65R41/6
DS20002269C-page 10
 2010-2020 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RL = 100 k to VDD/2 (MCP65R41 only), RPull-Up = 2.74 k to VDD/2 (MCP65R46 only) and CL = 50 pF.
FIGURE 2-19:
Quiescent Current vs.
Supply Voltage vs. Temperature.
FIGURE 2-20:
Quiescent Current vs.
Toggle Frequency.
FIGURE 2-21:
Short Circuit Current vs.
Supply Voltage vs. Temperature.
FIGURE 2-22:
Quiescent Current vs.
Common-Mode Input Voltage.
FIGURE 2-23:
Quiescent Current vs. Pull-
Up Voltage.
FIGURE 2-24:
No Phase Reversal.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.01.0
2.03.0
4.0
5.0
6.0
VDD (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0
2
4
6
8
10
12
14
16
18
10
100
1000
10000
100000
Toggle Frequency (Hz)
VDD = 5.5V
VDD = 1.8V
10
100
1k
10k
100k
100 mV Over-Drive
VCM = VDD/2
RL = Open
0 dB Output Attenuation
-120
-80
-40
0
40
80
120
0.01.0
2.03.0
4.05.0
6.0
VDD (V)
TA = -40°C
TA = +85°C
TA = +25°C
TA = +125°C
TA = -40°C
TA = +85°C
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCM (V)
VDD = 5.5V
Sweep VIN+ ,VIN- = VDD/2
Sweep VIN- ,VIN+ = VDD/2
MCP65R46
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
012
3
456
78
9
10
VPU (V)
VDD = 2.5V
VDD = 1.8V
VDD = 5.5V
VDD = 4.5V
VDD = 3.5V
MCP65R46
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time (3 µs/div)
VIN-
VOUT
VDD = 5.5V
VIN+ = VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com