Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP65R46T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP65R46T
Description  3 μA Comparator with Integrated Reference Voltage
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP65R46T Datasheet(HTML) 5 Page - Microchip Technology

  MCP65R46T Datasheet HTML 1Page - Microchip Technology MCP65R46T Datasheet HTML 2Page - Microchip Technology MCP65R46T Datasheet HTML 3Page - Microchip Technology MCP65R46T Datasheet HTML 4Page - Microchip Technology MCP65R46T Datasheet HTML 5Page - Microchip Technology MCP65R46T Datasheet HTML 6Page - Microchip Technology MCP65R46T Datasheet HTML 7Page - Microchip Technology MCP65R46T Datasheet HTML 8Page - Microchip Technology MCP65R46T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2010-2020 Microchip Technology Inc.
DS20002269C-page 5
MCP65R41/6
1.2
Test Circuit Configuration
FIGURE 1-1:
Test Circuit for the Push-
Pull Output Comparators.
FIGURE 1-2:
Test Circuit for the Open-
Drain Comparators.
AC CHARACTERISTICS
Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C,
VIN+ = VDD/2, Step = 200 mV, Overdrive = 100 mV, RL = 100 k to VDD/2 (MCP65R41 only),
RPull-Up = 2.74 k to VDD (MCP65R46 only), and CL = 50 pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Rise Time
tR
—0.85
—
µs
Fall Time
tF
—0.85
—
µs
Propagation Delay (High-to-Low)
tPHL
—4
8.0
µs
Propagation Delay (Low-to-High)
tPLH
—4
8.0
µs
Propagation Delay Skew
tPDS
—±0.2
—
µs
Note 1
Maximum Toggle Frequency
fMAX
—160
—
kHz
VDD = 1.8V
fMAX
—120
—
kHz
VDD = 5.5V
Input Noise Voltage
EN
—200
—
µVP-P 10 Hz to 100 kHz
Note 1:
Propagation Delay Skew is defined as: tPDS = tPLH - tPHL.
TEMPERATURE SPECIFICATIONS
Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V and VSS = GND.
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, SOT23-6
JA
—190.5
—
°C/W
VOUT
VDD
MCP65R41
VIN =VSS
200k
200k
200k
200k
50p
VSS = 0V
VOUT
VDD
MCP65R46
VIN =VSS
200k
200k
2.74k
100k
50p
VSS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com