Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 151Page - STMicroelectronics ST72345 Datasheet HTML 152Page - STMicroelectronics ST72345 Datasheet HTML 153Page - STMicroelectronics ST72345 Datasheet HTML 154Page - STMicroelectronics ST72345 Datasheet HTML 155Page - STMicroelectronics ST72345 Datasheet HTML 156Page - STMicroelectronics ST72345 Datasheet HTML 157Page - STMicroelectronics ST72345 Datasheet HTML 158Page - STMicroelectronics ST72345 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 191 page
background image
ST72340, ST72344, ST72345
155/191
13.3.3 Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to +85°C unless otherwise specified
Note:
1. Not tested in production, guaranteed by characterization.
Symbol
Parameter
Conditions
Min 1)
Typ
Max 1)
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.15
3.64
3.00
4.50
3.96
3.28
4.91
4.30
3.54
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.96
3.44
2.85
4.28
3.76
3.11
4.66
4.06
3.35
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
∆V
IT-
Voltage drop between ADV flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com