Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 152Page - STMicroelectronics ST72345 Datasheet HTML 153Page - STMicroelectronics ST72345 Datasheet HTML 154Page - STMicroelectronics ST72345 Datasheet HTML 155Page - STMicroelectronics ST72345 Datasheet HTML 156Page - STMicroelectronics ST72345 Datasheet HTML 157Page - STMicroelectronics ST72345 Datasheet HTML 158Page - STMicroelectronics ST72345 Datasheet HTML 159Page - STMicroelectronics ST72345 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 191 page
background image
ST72340, ST72344, ST72345
156/191
13.4 PLL CHARACTERISTICS
Note:
1. To obtain a x4 multiplication ratio in the range 3.3 to 5.5V, the DIV2EN option bit must enabled.
2. Guaranteed by design.
13.4.1 Internal RC Oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by option byte).
13.5 INTERNAL RC OSCILLATOR CHARACTERISTICS
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “Internal RC Oscillator” on page 30
3. Expected results. Data based on characterization, not tested in production
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLIN
PLL Input frequency 2)
VDD = 2.7 to 3.65V
PLL option x4 selected
0.95
1
1.05
MHz
VDD = 3.3 to 5.5V
PLL option x8 selected
0.90
1
1.10
VDD(PLL)
PLL operating range
PLL option x4 selected 1)
2.7
3.65
V
PLL option x8 selected
3.3
5.5
tw(JIT)
PLL jitter period
fRC = 1MHz
8
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)
VDD = 3.0V
3.0
%
VDD = 5.0V
1.6
IDD(PLL)
PLL current consumption
TA=25°C
600
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
Refer to operating range
of VDD with TA, Section
13.3.1 on page 154
2.7
5.5
V
VDD(x4PLL) x4 PLL operating voltage
2.7
5.5
VDD(x8PLL)
x8 PLL operating voltage
3.3
5.5
tSTARTUP
PLL Startup time
60
PLL
input
clock
(fPLL)
cycles
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator fre-
quency 1)
RCCR = FF (reset value), TA=25°C,VDD=5V
625
kHz
RCCR = RCCR02 ),TA=25°C,VDD=5V
1000
ACCRC
Accuracy of Internal RC
oscillator with
RCCR=RCCR02)
TA=25°C,VDD=5V
-1
+1
%
TA=25°C, VDD=4.5 to 5.5V
3)
-1
+1
%
TA=25 to +85°C,VDD=5V
3)
-3
+3
%
TA=25 to +85°C,VDD=4.5 to 5.5V
3)
-3.5
+3.5
%
TA=-40 to +25°C,VDD=4.5 to 5.5V
3)
-3
+7
%
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=5V
6003)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=5V
102)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com