Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 153Page - STMicroelectronics ST72345 Datasheet HTML 154Page - STMicroelectronics ST72345 Datasheet HTML 155Page - STMicroelectronics ST72345 Datasheet HTML 156Page - STMicroelectronics ST72345 Datasheet HTML 157Page - STMicroelectronics ST72345 Datasheet HTML 158Page - STMicroelectronics ST72345 Datasheet HTML 159Page - STMicroelectronics ST72345 Datasheet HTML 160Page - STMicroelectronics ST72345 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 191 page
background image
ST72340, ST72344, ST72345
157/191
Figure 85. Typical RC Frequency vs RCCR
13.6 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
13.6.1 Supply Current
TA = -40 to +85°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (OSC1) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, LVD disabled.
5. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
6. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
7. This consumption refers to the Halt period only and not the associated run period which is software dependent.
Typical Rc freq (MHz) = f(RCCR) @ 25°C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
50
100
150
200
250
RCCR (decimal)
Rc @ 5V
Rc @ 3V
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
fCPU=8MHz
1)
8.5
13
mA
Supply current in WAIT mode
fCPU=8MHz
2)
3.7
6
Supply current in SLOW mode
fCPU=250kHz
3)
4.1
7
Supply current in SLOW WAIT mode
fCPU=250kHz
4)
2.2
3.5
Supply current in HALT mode5)
-40°C
≤T
A≤+85°C
110
µA
Supply current in AWUFH mode 6)7)
TA= +25°C
50
60
Supply current in Active Halt mode 6)7)
TA= +25°C
500
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com