Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 168Page - STMicroelectronics ST72345 Datasheet HTML 169Page - STMicroelectronics ST72345 Datasheet HTML 170Page - STMicroelectronics ST72345 Datasheet HTML 171Page - STMicroelectronics ST72345 Datasheet HTML 172Page - STMicroelectronics ST72345 Datasheet HTML 173Page - STMicroelectronics ST72345 Datasheet HTML 174Page - STMicroelectronics ST72345 Datasheet HTML 175Page - STMicroelectronics ST72345 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 191 page
background image
ST72340, ST72344, ST72345
172/191
13.11 CONTROL PIN CHARACTERISTICS
13.11.1 Asynchronous RESET Pin
TA = -40°C to 85°C, unless otherwise specified
Notes:
1. Data based on characterization results, not tested in production.
2. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
3. The RON pull-up equivalent resistor is based on a resistive transistor. Specified for voltages on RESET pin between
VILmax and VDD
4. To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
Vss - 0.3
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage hysteresis 1)
2V
VOL
Output low level voltage 2)
VDD=5V
IIO=+5mA
0.5
1.0
V
IIO=+2mA
0.2
0.4
RON
Pull-up equivalent resistor 3) 1)
VDD=5V
20
40
80
k
Ω
VDD=3V
40
70
120
tw(RSTL)out Generated reset pulse duration
Internal reset sources
26
µs
th(RSTL)in External reset pulse hold time
4)
20
µs
tg(RSTL)in Filtered glitch duration
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com