Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 169Page - STMicroelectronics ST72345 Datasheet HTML 170Page - STMicroelectronics ST72345 Datasheet HTML 171Page - STMicroelectronics ST72345 Datasheet HTML 172Page - STMicroelectronics ST72345 Datasheet HTML 173Page - STMicroelectronics ST72345 Datasheet HTML 174Page - STMicroelectronics ST72345 Datasheet HTML 175Page - STMicroelectronics ST72345 Datasheet HTML 176Page - STMicroelectronics ST72345 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 191 page
background image
ST72340, ST72344, ST72345
173/191
CONTROL PIN CHARACTERISTICS (Cont’d)
Figure 112. RESET pin protection when LVD is enabled.1)2)3)4)
Figure 113. RESET pin protection when LVD is disabled.1)
Note 1:
– The reset network protects the device against parasitic resets.
– The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the
device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
– Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin can go
below the VIL max. level specified in Section 13.11.1 on page 172. Otherwise the reset will not be taken into account
internally.
– Because the reset circuit is designed to allow the internal RESET to be output in the RESET pin, the user must en-
sure that the current sunk on the RESET pin is less than the absolute maximum value specified for IINJ(RESET) in
Section 13.2.2 on page 153.
Note 2: When the LVD is enabled, it is recommended not to connect a pull-up resistor or capacitor. A 10nF pull-down
capacitor is required to filter noise on the reset line.
Note 3: In case a capacitive power supply is used, it is recommended to connect a 1M
Ω pull-down resistor to the RESET
pin to discharge any residual voltage induced by the capacitive effect of the power supply (this will add 5µA to the power
consumption of the MCU).
Note 4: Tips when using the LVD:
– 1. Check that all recommendations related to the reset circuit have been applied (see notes above)
– 2. Check that the power supply is properly decoupled (100nF + 10µF close to the MCU). Refer to AN1709 and
AN2017. If this cannot be done, it is recommended to put a 100nF + 1M
Ω pull-down on the RESET pin.
– 3. The capacitors connected on the RESET pin and also the power supply are key to avoid any start-up marginality.
In most cases, steps 1 and 2 above are sufficient for a robust solution. Otherwise: replace 10nF pull-down on the
RESET pin with a 5µF to 20µF capacitor.”
Note 5: Please refer to “Illegal Opcode Reset” on page 149 for more details on illegal opcode reset conditions.
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
RESET
EXTERNAL
Required
1M
Ω
Optional
(note 3)
WATCHDOG
LVD RESET
ILLEGAL OPCODE 5)
0.01
µF
EXTERNAL
RESET
CIRCUIT
USER
Required
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
INTERNAL
RESET
WATCHDOG
ILLEGAL OPCODE 5)
0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com