Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72345 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST72345
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72345 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST72345 Datasheet HTML 171Page - STMicroelectronics ST72345 Datasheet HTML 172Page - STMicroelectronics ST72345 Datasheet HTML 173Page - STMicroelectronics ST72345 Datasheet HTML 174Page - STMicroelectronics ST72345 Datasheet HTML 175Page - STMicroelectronics ST72345 Datasheet HTML 176Page - STMicroelectronics ST72345 Datasheet HTML 177Page - STMicroelectronics ST72345 Datasheet HTML 178Page - STMicroelectronics ST72345 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 191 page
background image
ST72340, ST72344, ST72345
175/191
13.13 10-BIT ADC CHARACTERISTICS
TA = -40°C to 85°C, unless otherwise specified
ADC Accuracy
Note:
1. Data based on characterization results over the whole temperature range.
2. ADC accuracy vs negative injection current: Injecting negative current on any of the analog input pins may reduce the
accuracy of the conversion being performed on another analog input.
The effect of negative injection current on robust pins is specified in Section 13.11 on page 172
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.10 does not affect the ADC
accuracy.
3. Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C
to +125°C (± 3
σ distribution limits).
Figure 114. ADC Accuracy Characteristics
Symbol
Parameter
Conditions 1)2)
Typ
Max 3)
Unit
|ET|
Total unadjusted error
fCPU=8 MHz,
fADC=4 MHz
RAIN< 10kΩ,
VDD= 2.7V to 5.5V
48
LSB
|EO|Offset error
-1
-2
|EG|
Gain Error
-2
-4
|ED|
Differential linearity error
3
6
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2
3
4567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com