Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 48Page - STMicroelectronics STV0657 Datasheet HTML 49Page - STMicroelectronics STV0657 Datasheet HTML 50Page - STMicroelectronics STV0657 Datasheet HTML 51Page - STMicroelectronics STV0657 Datasheet HTML 52Page - STMicroelectronics STV0657 Datasheet HTML 53Page - STMicroelectronics STV0657 Datasheet HTML 54Page - STMicroelectronics STV0657 Datasheet HTML 55Page - STMicroelectronics STV0657 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
52/105
8.8.2
Low-Power Mode (Figure 30)
Under the control of the serial interface the sensor analog circuitry can be powered down and then repowered. When the low-
power bit is set via the serial interface, all the data bus lines will go high at the end of the end of frame line of the current frame.
At this point the analog circuits in the sensor will power down. The system clock must remain active for the duration of low power
mode.
During low power mode only the analog circuits are powered down, the values of the serial interface registers e.g. exposure and
gain are preserved. The internal frame timing is reset to the start of a video frame on exiting low-power mode. In a similar manner
to the previous section, the first frame after the serial comms contains a continuous stream of alternating 9H and 6H - or
equivalent for the alternative ouput databus widths - to allow the host to re-confirm its sampling position. Then three frames later
the first start of frame line is generated.
8.8.3
Sleep Mode
Sleep mode is similar to the low-power mode, except that analog circuitry remains powered. When the sleep command is
received via the serial interface the pixel array will be put into reset and the data lines all will go high at the end of the current
frame. Again the system clock must remain active for the duration of sleep mode.
When sleep mode is disabled, the CMOS sensor’s frame timing is reset to the start of a frame. During the first frame after exiting
from sleep mode the data bus will remain high, while the exposure value propagates through the pixel array. At the start of the
second frame the first start of field line will be generated.
8.8.4
System clock status during sensor low-power modes
To allow the sensor to enter and exit the low power and sleep modes the system clock, CLKI, must be active.
8.9
Suspend mode
Under the control of the SUSPEND pin VV5410/VV6410 can be forced into an ultra low power mode. The sensor will consume
less than 80uA of current while suspended. While the sensor is in this mode video output is turned off and no serial
communications can occur.
The SUSPEND mode is effectively identical to a power on reset - all the video timing blocks within the sensor are reset as are the
contents of the serial interface, therefore the user will have to perform a compete reconfiguration of the device on exitting
SUSPEND. The sensor will also repeat the full 4 field power up sequence.
8.10 Data Qualification Clock, QCK
VV5410/VV6410 provides a data qualification clock, (see Figure 31), to qualify the information output on data bus. The sensor
can generate two styles of qualification clock:
•
Fast QCK, clocks at nibble rate. The falling edge of this clock qualifies data
Mode
10-bit Value
Output Data Bus Pattern
4-Wire
258H
9H/6H (10012/01102)
5-Wire
136H
09H/16H (010012/101102)
8-Wire
096H / 069H
25H/1AH (001001012/000110102)
Table 16 : Output Data Bus Patterns for determination of Best Sampling Position
Mode
Description
Approx. Sensor Current
Suspend
Sensor in lowest power state. Suspend has been
asserted by host.
c.80uA
Table 17 : VV5410/VV6410 suspend mode power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com