Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 73Page - STMicroelectronics STV0657 Datasheet HTML 74Page - STMicroelectronics STV0657 Datasheet HTML 75Page - STMicroelectronics STV0657 Datasheet HTML 76Page - STMicroelectronics STV0657 Datasheet HTML 77Page - STMicroelectronics STV0657 Datasheet HTML 78Page - STMicroelectronics STV0657 Datasheet HTML 79Page - STMicroelectronics STV0657 Datasheet HTML 80Page - STMicroelectronics STV0657 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
77/105
cd5410-6410f-3-0.fm
3. y-offset of region of interest.
4. frame length.
The length of a line is specified in a number of pixel clocks, whereas the length of a field is specified in a number of lines.
The range of some parameter values is limited and any value programmed out-with this range will be clipped to the maximum
allowed. The x-offset and y-offset are only programmable if the user has selected the pan tilt QCIF mode. If the other video
modes are selected then the x-offset and y-offset registers will have pre-programmed values applied, but they cannot be
changed. The x-offset and y-offset default values are chosen such that the output image, regardless of video mode selected, will
be centered within the pixel array, (see Section 3.2 for details).
[103],
[67] - unused
[104-105],
[68-69] - reserved
[106-107],
[6A-6B] - unused
[108-109],
[6C-6D] - reserved
[110-111],
[6E-6F] - unused
9.5.5
System Registers -Addresses [112 - 127],
[70-7F]
This page of the serial interface I2C address space comprises a wide range of registers including the registers required to control
the black offset cancellation algorithm, enable test modes and also control various aspects of the analogue behavior of the
sensor.
Index10
Index16
Bit
Function
Default
Comment
80-81
50-51
reserved
82
52
1:0
Line Length MSB value
415
Minimum mode dependent
Maximum = 1023
Actual line duration in pixel periods is
line length programmed +1.
83
53
7:0
Line Length LSB value
84 - 86
54-56
reserved
87
57
0
x-offset MSB value
5
Minimum (positive) value = 1
88
58
7:0
x-offset LSB value
89
59
0
y-offset MSB value
3
Minimum (positive) value = 1
90
5A
7:0
y-offset LSB value
91 - 96
5B-60
reserved
97
61
1:0
Field Length MSB value
319
Minimum mode dependent
Maximum = 1023
Actual field duration in line periods is
field length programmed +1.
98
62
7:0
Field Length LSB value
99-102
63-66
reserved
Table 50 : Video Timing Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com