Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 65Page - STMicroelectronics STV0657 Datasheet HTML 66Page - STMicroelectronics STV0657 Datasheet HTML 67Page - STMicroelectronics STV0657 Datasheet HTML 68Page - STMicroelectronics STV0657 Datasheet HTML 69Page - STMicroelectronics STV0657 Datasheet HTML 70Page - STMicroelectronics STV0657 Datasheet HTML 71Page - STMicroelectronics STV0657 Datasheet HTML 72Page - STMicroelectronics STV0657 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
69/105
cd5410-6410f-3-0.fm
.
The option to enable the qclk during the data and control period of the line
must not be selected if monochrome (shuffled or
unshuffled) video has been selected.
[21],
[15] - pin_mapping
fg_mode[3:2]
QCK state
0
0
Off
0
1
Free Running
1
0
Valid during data and control period of line
1
1
Valid only during data period of line
Table 34 : QCK Modes
fg_mode[5:4]
LST pin
0
0
Off
0
1
Free Running
1
0
Output for black, video data and status lines
1
1
Output only for black and video data lines.
Table 35 : LST Modes
fg_mode[7:6]
FST pin
0
0
Off
0
1
Normal behaviour, FST will qualify the visible pixels in
the status line
1
x
Special digital stills mode. FST will be asserted at the
beginning of valid data on the line following the EOF
line. FST will be cleared at the end of the visible pix-
els in the following status line.
Table 36 : FST Modes
Bit
Function
Default
Comment
0
Map serial interface register bits values
on to the QCK and FST pins
Off/On
0
1
Serial Interface Bit for QCK pin
0
2
Serial Interface Bit for FST pin
0
4:3
Output driver strength select
00
Default setting selects 2mA driver
Table 37 : [21],
[15] - pin_mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com