Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 82Page - STMicroelectronics STV0657 Datasheet HTML 83Page - STMicroelectronics STV0657 Datasheet HTML 84Page - STMicroelectronics STV0657 Datasheet HTML 85Page - STMicroelectronics STV0657 Datasheet HTML 86Page - STMicroelectronics STV0657 Datasheet HTML 87Page - STMicroelectronics STV0657 Datasheet HTML 88Page - STMicroelectronics STV0657 Datasheet HTML 89Page - STMicroelectronics STV0657 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
VV5410 & VV6410
Clock Signal
cd5410-6410f-3-0.fm
Commercial in confidence
86/105
10. Clock Signal
VV5410/VV6410 system clock is supplied from an external clock source directly driving the CLKI pin. The clock pad has an
integral Schmitt buffer to filter noise from the clock source. Please note that there is no support for an external resonator circuit.
The clock signal must be a square wave with, ideally a 50% ( 10%) mark:space ratio, although a non-ideal mark:space ratio can
be tolerated, please contact STMicroelectronics for details. The maximum input clock frequency for the module is 24.0 MHz. If
the 24MHz crystal is preferred then the user must select the pre-clock divide by 1.5 option such that the bulk of the internal logic
is driven by a 16MHz clock, see serial interface, register 1610, data_format.
VV5410/VV6410
CLK
Figure 46 : CMOS Clock Source
CLKI
Clock
Source
CLOCK
DIVISION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com