Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 46Page - STMicroelectronics STV0657 Datasheet HTML 47Page - STMicroelectronics STV0657 Datasheet HTML 48Page - STMicroelectronics STV0657 Datasheet HTML 49Page - STMicroelectronics STV0657 Datasheet HTML 50Page - STMicroelectronics STV0657 Datasheet HTML 51Page - STMicroelectronics STV0657 Datasheet HTML 52Page - STMicroelectronics STV0657 Datasheet HTML 53Page - STMicroelectronics STV0657 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 105 page
background image
VV5410 & VV6410
Digital Video Interface Format
cd5410-6410f-3-0.fm
Commercial in confidence
50/105
8.8
Power-up, Low-power and Sleep modes
Please note that the following descriptions of low power and sleep modes assumes that the user has selected the optional 4 wire
output mode, that is D[3:0] will transmit the digital video data. If the 5-wire or 8-wire modes are selected the same basic behaviour
is followed however the contents of the data bus will differ slightly.
8.8.1
Power-Up/Down (Figure 29)
The sensor enters low-power mode on power-up. On power-up all of the data bus lines are driven high immediately and the
device is in low-power mode (Section 8.8.2).
The sensor will remain in the low power mode until the external host sends the appropriate message over I2C to clear the low
power bit - bit0 of serial reguister, setup0, index 1016.
After the “Exit Low-Power Mode” command has been sent the sensor will output for one frame, a continuous stream of alternating
9H and 6H values on D[3:0] The patterns generated in 5 and 8 wire modes are given in Table 16 below. By locking onto the
resulting 0101/1010 patterns appearing on the data bus lines the host can determine the best sampling position for the nibble
data. After the last 9H 6H pair has been output the data bus returns to FH,(1FH in 5 wire mode), until the start of fifth frame. At this
point the first active video frame will be output. After the host has determined the correct sampling position for the data, it should
then wait for the next start of frame line (SOF).
PU0
System Power Up
PU1
Sensor enters low power mode and databus bits driven high.
PU2
Host enables the sensor clock, CLKI.
PU3-PU4
The host sends a “Soft-Reset” command to the sensor via the serial interface. This ensures that
the sensor is in low-power mode.
PU5
Host issues command to remove sensor from low-power mode.
PU6-PU7
Sensors begins execution 4 frame start sequence.
PU8-PU9
One frame of alternating 9H & 6H data on D[3:0] for the host to determine the best sampling
phase for video data.
PU10-PU11
4 Frames after the “Exit Low-Power Mode” serial comms, the sensor starts outputing valid video
data.
Table 15 : Typical System Power-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com