Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 58Page - STMicroelectronics STV0657 Datasheet HTML 59Page - STMicroelectronics STV0657 Datasheet HTML 60Page - STMicroelectronics STV0657 Datasheet HTML 61Page - STMicroelectronics STV0657 Datasheet HTML 62Page - STMicroelectronics STV0657 Datasheet HTML 63Page - STMicroelectronics STV0657 Datasheet HTML 64Page - STMicroelectronics STV0657 Datasheet HTML 65Page - STMicroelectronics STV0657 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
62/105
according to function with each group occupying a 16-byte page of the location address space. There may be up to eight such
groups, although this scheme is purely a conceptual feature and not related to the actual hardware implementation, The primary
categories are given below:
•
Status Registers (Read Only).
•
Setup registers with bit significant functions.
•
Exposure parameters that influence output image brightness.
•
System functions and analog test bit significant registers.
Any internal register that can be written to can also be read from. There are a number of read only registers that contain device
status information, (e.g. design revision details).
Names that end with H or L denote the most or least significant part of the internal register. Note that unused locations in the H
byte are packed with zeroes.
STMicroelectronics sensors that include a 2-wire serial interface are designed with a common address space. If a register
parameter is unused in a design, but has been allocated an address in the generic design model, the location is referred to as
reserved. If the user attempts to read from any of these reserved or unused locations a default byte will be read back. In
VV5410/VV6410 this data is 19H. A write instruction to a reserved (but unused) location is illegal and would not be successful as
the device would not allocate an internal register to the data word contained in the instruction.
A detailed description of each register follows. The address indexes are shown as decimal numbers in brackets [....] and are
expressed in decimal and
hexadecimal respectively.
Index10
Index16
Name
Length
R/W
Default
Comments
Status Registers - [0-15]
0
0
deviceH
8
RO
0001_10012
Chip identification number including
revision indicator
1
1
deviceL
8
RO
1010_00002
2
2
status0
8
RO
0001_00002
User can determine whether timed
serial interface data has been
consumed by interrogating flag states
3
3
line_countH
8
RO
n/a
Current line counter value
4
4
line_countL
8
RO
n/a
5
5
xendH
1
RO
359
End x coordinate of image size
6
6
xendL
8
RO
7
7
yendH
1
RO
293
End y coordinate of image size
8
8
yendL
8
RO
9
9
dark_avgH
4
RO
0
This is the average pixel value
returned from the dark line offset
cancellation algorithm
(2’s complement notation)
10
A
dark_avgL
8
RO
0
11
B
black_avgH
4
RO
0
This is the average pixel value
returned from the black line offset
cancellation algorithm
(2’s complement notation)
12
C
black_avgL
8
RO
0
13
D
status1
2
RO
00
Flags to indicate whether the x or y
image coordinates have been clipped
14-15
E-F
unused
Setup Registers - [16-31]
Table 19 : Serial Interface Address Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com