Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 70Page - STMicroelectronics STV0657 Datasheet HTML 71Page - STMicroelectronics STV0657 Datasheet HTML 72Page - STMicroelectronics STV0657 Datasheet HTML 73Page - STMicroelectronics STV0657 Datasheet HTML 74Page - STMicroelectronics STV0657 Datasheet HTML 75Page - STMicroelectronics STV0657 Datasheet HTML 76Page - STMicroelectronics STV0657 Datasheet HTML 77Page - STMicroelectronics STV0657 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
74/105
Table 46 : Exposure Related Registers
34
22
0
Coarse MSB exposure value
302
The maximum allowable coarse
exposure setting is filed length
dependent. We provide the
maximum coarse exposure settings
for each of the standard video
modes.
NTSC = 260
PAL = 310
CIF (25 & 30 fps) = 318
QCIF (25 & 30 fps) = 158
35
23
7:0
Coarse LSB exposure value
36
24
7:0
Analog gain value
1111_0000
Bits [7:4] CDAC gain control
CDAC default = 63 (10-bit modes)
CDAC default = 31 (9-bit modes)
Bits[3:0] IDAC maximum
recommended IDAC value = 12.
37
25
3:0
Clock divisor value
0
The user can opt to slow the internal
clocks down form their default
settings. Table 47 describes the
range of clock divisors that may be
selected.
Clock Divisor Setting
Pixel Clock Divisor
0000
1
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
8
1000
9
1001
10
1010
11
1011
12
1100
13
1101
14
1110
15
Table 47 : Clock Divisor Values
Index10
Index16
Bits
Function
Default
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com