Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 72Page - STMicroelectronics STV0657 Datasheet HTML 73Page - STMicroelectronics STV0657 Datasheet HTML 74Page - STMicroelectronics STV0657 Datasheet HTML 75Page - STMicroelectronics STV0657 Datasheet HTML 76Page - STMicroelectronics STV0657 Datasheet HTML 77Page - STMicroelectronics STV0657 Datasheet HTML 78Page - STMicroelectronics STV0657 Datasheet HTML 79Page - STMicroelectronics STV0657 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
76/105
[38-43],
[26-3B] - reserved
[44 - 45],
[3C-3D] - Dark Pixel Offset
[46],
[3E] - Dark Pixel Cancellation Setup Register
[47],
[3F] - reserved
[48-79],
[30-4F] - reserved
9.5.4
Video Timing Registers [80 - 103],
[50-67]
Indexes in the range [80 - 103] control the generically named video timing registers, including the image pan/tilt parameters and
line & field length of the sensor. The registers are as follows:
1. line length.
2. x-offset of region of interest.
Bit
Function
Default
Comment
2:0
MS Dark line pixel offset
0
This register contains a fixed offset that can
be applied to the digitised pixels in the dig-
ital output coding block. The offset is a 2’s
complement number, giving an offset range
-1024,+1023.
If this external offset cancellation is to be
applied then it register[46], bits[1:0] should
be reprogrammed to 2’b1x.
7:0
LS Dark line pixel offset
Table 48 : [44 - 45],
[3C-3D] - Dark Pixel Offset
Bit
Function
Default
Comment
1:0
Dark line offset cancellation
01
x0 - Accumulate dark pixels, calculate dark
pixel average and report, but don’t apply
anything to data stream
01 - Accumulate dark pixels, calculate dark
pixel average and report and apply
internally calculated offset to data stream
11 - Accumulate dark pixels, calculate dark
pixel average and report, but apply an
externally calculated offset
2
Number of dark lines used
All dark lines/Use half the number of
dark lines.
0
The dark line offset cancellation algorithm
can opt to only use pixels from dark lines
that are preceeded by another dark line, i.e
line choose only line 306 from line 305 and
line 306.
5:3
reserved
6
Use narrow dark offset deadband
Yes/No
1
The deadband describes a range of dark
pixel averages that will force the leaky
integrator algorithm to hold it’s current
value.
0 - Target +/- 4 codes
1 - Target +/- 2 codes
7
unused
0
Table 49 : [46],
[3E] - Dark Pixel Cancellation Setup Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com