Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0657 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV0657
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0657 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV0657 Datasheet HTML 14Page - STMicroelectronics STV0657 Datasheet HTML 15Page - STMicroelectronics STV0657 Datasheet HTML 16Page - STMicroelectronics STV0657 Datasheet HTML 17Page - STMicroelectronics STV0657 Datasheet HTML 18Page - STMicroelectronics STV0657 Datasheet HTML 19Page - STMicroelectronics STV0657 Datasheet HTML 20Page - STMicroelectronics STV0657 Datasheet HTML 21Page - STMicroelectronics STV0657 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 105 page
background image
VV5410 & VV6410
Black Offset Cancellation
cd5410-6410f-3-0.fm
Commercial in confidence
18/105
4.
Black Offset Cancellation
In order to produce a high quality output image from VV6410 it is important to maximise the dynamic range of the video output.
This can be achieved by accurately controlling the video signal black level. Within the sensor array of VV6410 there are a number
of lines that are specified to be black, that is they are exposed to the incident light but they are always held in minimum exposure.
VV6410 also has a number of dark lines, that is lines that are integrated for the same length of time as the visible lines but the
pixels within these dark lines are shielded from incident light by an opaque material (e.g. metal 3). The diagram below shows
where the different types of lines that appear within the full array.
VV5410/VV6410 can perform automatic black offset cancellation. VV5410/VV6410 contains an algorithm that monitors the level
of the designated black pixels and applies a correction factor, if required, to provide an ideal black level for the video stream.
The user can control the application of the offset cancellation parameter. The internally calculated offset can be applied to the
video stream or alternatively an externally calculated offset can be applied or finally there is the option of applying no offset at all.
Details of how to select the aforementioned modes can be found in subsubsection 9.5.5.
The black offset cancellation algorithm accumulates data from the centre 2 of the 4 physical black lines. The internal cancellation
algorithm uses a leaky integrator model to control the size of the calculated offset. The leaky integrator model takes as input the
current offset plus a shifted version of the error between the ideal black level and the current offset. The magnitude of the shift in
the error is programmable. It is also possible to control the range of pixel values that will inhibit a change in the calculated offset.
A narrow band (128 +/- 2 codes) or a wide band (128 +/- 4 codes) can be selected. If the latter is selected and the pixel average
Figure 11 : Physical position of Black and Dark Lines
364 pixels
Dark Lines
Black Lines
Visible Pixel Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com