Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 35 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 31Page - Texas Instruments CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments CC1021-RTR1 Datasheet HTML 38Page - Texas Instruments CC1021-RTR1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
CC1021
SWRS045
Page 35 of 91
12.6. Image Rejection Calibration
For perfect image rejection, the phase and
gain of the ìIî and ìQî parts of the analog
RX chain must be perfectly matched. To
improve the image rejection, the ìIî and
ìQî phase and gain difference can be fine-
tuned by adjusting the PHASE_COMP and
GAIN_COMP registers.
This allows
compensation for process variations and
other nonidealities. The calibration is done
by injecting a signal at the image
frequency, and adjusting the phase and
gain difference for minimum RSSI value.
During image rejection calibration, an
unmodulated carrier should be applied at
the image frequency (614.4 kHz below the
desired channel), No signal should be
present in the desired channel. The signal
level should be 50 - 60 dB above the
sensitivity in the desired channel, but the
optimum level will vary from application to
application. Too large input level gives
poor results due to limited linearity in the
analog IF chain, while too low input level
gives poor results due to the receiver
noise floor.
For
best
RSSI
accuracy,
use
AGC_AVG(1:0]
=
11
during
image
rejection
calibration
(RSSI
value
is
averaged over 16 filter output samples).
The RSSI register update rate then equals
the receiver channel bandwidth (set in
FILTER register) divided by 8, as the filter
output rate is twice the receiver channel
bandwidth. This gives the minimum
waiting time between RSSI register reads
(0.5
ms
is
used
below).
Chipcon
recommends
the
following
image
calibration procedure:
1.
Define 3 variables: XP = 0, XG = 0 and DX = 64.
Go to step 3.
2.
Set DX = DX/2.
3.
Write XG to GAIN_COMP register.
4.
If XP+2∑DX < 127 then
write XP+2∑DX to PHASE_COMP register
else
write 127 to PHASE_COMP register.
5.
Wait at least 3 ms. Measure signal strength Y4
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
6.
Write XP+DX to PHASE_COMP register.
7.
Wait at least 3 ms. Measure signal strength Y3
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
8.
Write XP to PHASE_COMP register.
9.
Wait at least 3 ms. Measure signal strength Y2
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
10. Write XP-DX to PHASE_COMP register.
11. Wait at least 3 ms. Measure signal strength Y1
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
12. Write XP-2∑DX to PHASE_COMP register.
13. Wait at least 3 ms. Measure signal strength Y0
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
14. Set AP = 2∑(Y0-Y2+Y4) - (Y1+Y3).
15. If AP > 0 then
set DP = ROUND( 7∑DX∑(2∑(Y0-Y4)+Y1-
Y3) / (10∑AP) )
else
if Y0+Y1 > Y3+Y4 then
set DP = DX
else
set DP = -DX.
16. If DP > DX then
set DP = DX
else
if DP < -DX then set DP = -DX.
17. Set XP = XP+DP.
18. Write XP to PHASE_COMP register.
19. If XG+2∑DX < 127 then
write XG+2∑DX to GAIN_COMP register
else
write 127 to GAIN_COMP register.
20. Wait at least 3 ms. Measure signal strength Y4
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
21. Write XG+DX to GAIN_COMP register.
22. Wait at least 3 ms. Measure signal strength Y3
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
23. Write XG to GAIN_COMP register.
24. Wait at least 3 ms. Measure signal strength Y2
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
25. Write XG-DX to GAIN_COMP register.
26. Wait at least 3 ms. Measure signal strength Y1
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
27. Write XG-2∑DX to GAIN_COMP register.
28. Wait at least 3 ms. Measure signal strength Y0
as filtered average of 8 reads from RSSI register
with 0.5 ms of delay between each RSSI read.
29. Set AG = 2∑(Y0-Y2+Y4) - (Y1+Y3).
30. If AG > 0 then
set DG = ROUND( 7∑DX∑(2∑(Y0-Y4)+Y1-
Y3) / (10∑AG) )
else
if Y0+Y1 > Y3+Y4 then
set DG = DX
else
set DG = -DX.
31. If DG > DX then
set DG = DX
else
if DG < -DX then set DG = -DX.
32. Set XG = XG+DG.
33. If DX > 1 then go to step 2.
34.
Write XP to PHASE_COMP register and
XG to GAIN_COMP register.
If repeated calibration gives varying
results, try to change the input level or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com