Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 36 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 32Page - Texas Instruments CC1021-RTR1 Datasheet HTML 33Page - Texas Instruments CC1021-RTR1 Datasheet HTML 34Page - Texas Instruments CC1021-RTR1 Datasheet HTML 35Page - Texas Instruments CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments CC1021-RTR1 Datasheet HTML 38Page - Texas Instruments CC1021-RTR1 Datasheet HTML 39Page - Texas Instruments CC1021-RTR1 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
CC1021
SWRS045
Page 36 of 91
increase the number of RSSI reads N. A
good starting point is N=8. As accuracy is
more important in the last fine-calibration
steps, it can be worthwhile to increase N
for each loop iteration.
For high frequency deviation and high data
rates (typically ≥ 76.8 kBaud) the analog
filter succeeding the mixer must be
bypassed by setting FILTER_BYPASS = 1
in the FILTER register. In this case the
image rejection is degraded.
The image rejection is reduced for low
supply voltages (typically <2.5 V) when
operating in the 402 ñ 470 MHz frequency
range.
12.7. Blocking and Selectivity
Figure 16 shows the blocking/selectivity
for 102.4 kHz channel filter bandwidth at
433 MHz and 19.2 kBaud data rate. Figure
17 shows the blocking/selectivity for 102.4
kHz channel filter bandwidth at 433 MHz
and 38.4 kBaud data rate. Figure 18
shows the blocking/selectivity for 102.4
kHz channel filter bandwidth at 868 MHz
and 19.2 kBaud data rate.
Figure 19
shows the blocking/selectivity for 102.4
kHz channel filter bandwidth at 868 MHz
and 38.4 kBaud data rate. The blocking
rejection is the ratio between a blocker
(interferer) and a wanted signal 3 dB
above the sensitivity limit.
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
Blocker frequency offset [kHz]
Not image calibrated
Image calibrated
Figure 16. Typical blocker rejection. Carrier frequency set to 434.3072 MHz (102.4 kHz
channel filter bandwidth, 19.2 kBaud)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com