Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 36Page - Texas Instruments CC1021-RTR1 Datasheet HTML 37Page - Texas Instruments CC1021-RTR1 Datasheet HTML 38Page - Texas Instruments CC1021-RTR1 Datasheet HTML 39Page - Texas Instruments CC1021-RTR1 Datasheet HTML 40Page - Texas Instruments CC1021-RTR1 Datasheet HTML 41Page - Texas Instruments CC1021-RTR1 Datasheet HTML 42Page - Texas Instruments CC1021-RTR1 Datasheet HTML 43Page - Texas Instruments CC1021-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
CC1021
SWRS045
Page 40 of 91
12.9. AGC Settling
After turning on the RX chain, the following
occurs:
A) The AGC waits 16-128 ADC_CLK
(1.2288 MHz) periods, depending on the
VGA_FREEZE setting in the VGA1
register, for settling in the analog parts.
B) The AGC waits 16-48 FILTER_CLK
periods, depending on the VGA_WAIT
setting in the VGA1 register, for settling in
the analog parts and the digital channel
filter.
C) The AGC calculates the RSSI value as
the average magnitude over the next 2-16
FILTER_CLK periods, depending of the
AGC_AVG setting in the VGA2 register.
D) If the RSSI value is higher than
CS_LEVEL+8, then the carrier sense
indicator is set (if CS_SET = 0). If the
RSSI value is too high according to the
CS_LEVEL, VGA_UP and VGA_DOWN
settings, and the VGA gain is not already
at minimum, then the VGA gain is reduced
and the AGC continues from B).
E) If the RSSI value is too low according to
the CS_LEVEL and VGA_UP settings, and
the VGA gain is not already at maximum
(given by VGA_SETTING), then the VGA
gain is increased and the AGC continues
from B).
2-3 VGA gain changes should be
expected before the AGC has settled.
Increasing
AGC_AVG
increases
the
settling time, but may be worthwhile if
there is the time in the protocol, and for
reducing false wake-up events when
setting the carrier sense close to the noise
floor.
The AGC settling time depends on the
FILTER_CLK (= 2
·ChBW). Thus, there is a
trade off between AGC settling time and
receiver sensitivity because the AGC
settling time can be reduced for data rates
lower than 76.8 kBaud by using a wider
receiver channel filter bandwidth (i.e.
larger ChBW).
12.10. Preamble Length and Sync Word
The rules for choosing a good sync word
are as follows:
1. The sync word should be significantly
different from the preamble
2. A large number of transitions is good for
the bit synchronization or clock recovery.
Equal
bits
reduce
the
number
of
transitions. The recommended sync word
has at the most 3 equal bits in a row.
3. Autocorrelation. The sync word should
not repeat itself, as this will increase the
likelihood for errors.
4. In general the first bit of sync should be
opposite of last bit in preamble, to achieve
one more transition.
The recommended sync words for CC1021
are 2 bytes (D391), 3 bytes (D391DA) or 4
bytes (D391DA26) and are selected as the
best compromise of the above criteria.
Using the register settings provided by the
SmartRFStudio software, packet error
rates (PER) less than 0.5% can be
achieved when using 24 bits of preamble
and a 16 bit sync word (D391). Using a
preamble longer than 24 bits will improve
the PER.
When performing the PER measurements
described above the packet format
consisted of 10 bytes of random data, 2
bytes CRC and 1 dummy byte in addition
to the sync word and preamble at the start
of each package.
For the test 1000 packets were sent 10
times. The transmitter was put in power
down between each packet. Any bit error
in the packet, either in the sync word, in
the data or in the CRC caused the packet
to be counted as a failed packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com