Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 60 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments CC1021-RTR1 Datasheet HTML 58Page - Texas Instruments CC1021-RTR1 Datasheet HTML 59Page - Texas Instruments CC1021-RTR1 Datasheet HTML 60Page - Texas Instruments CC1021-RTR1 Datasheet HTML 61Page - Texas Instruments CC1021-RTR1 Datasheet HTML 62Page - Texas Instruments CC1021-RTR1 Datasheet HTML 63Page - Texas Instruments CC1021-RTR1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
CC1021
SWRS045
Page 60 of 91
21.
Interrupt on Pin DCLK
21.1. Interrupt upon PLL Lock
In synchronous mode the DCLK pin on
CC1021 can be used to give an interrupt
signal to wake the microcontroller when
the PLL is locked.
PD_MODE[1:0] in the MAIN register
should be set to 01. If DCLK_LOCK in the
INTERFACE register is set to 1 the DCLK
signal is always logic high if the PLL is not
in lock. When the PLL locks to the desired
frequency the DCLK signal changes to
logic 0. When this interrupt has been
detected write PD_MODE[1:0] = 00. This
will enable the DCLK signal.
This function can be used to wait for the
PLL to be locked before the PA is ramped
up in transmit mode. In receive mode, it
can be used to wait until the PLL is locked
before searching for preamble.
21.2. Interrupt upon Received Signal Carrier Sense
In synchronous mode the DCLK pin on
CC1021 can also be used to give an
interrupt signal to the microcontroller when
the RSSI level exceeds a certain threshold
(carrier sense threshold). This function can
be used to wake or interrupt the
microcontroller when a strong signal is
received.
Gating the DCLK signal with the carrier
sense signal makes the interrupt signal.
This function should only be used in
receive mode and is enabled by setting
DCLK_CS = 1 in the INTERFACE register.
The DCLK signal is always logic high
unless carrier sense is indicated. When
carrier sense is indicated the DCLK starts
running. When gating the DCLK signal
with the carrier sense signal at least 2
dummy bits should be added after the data
payload in TX mode. The reason being
that the carrier sense signal is generated
earlier in the receive chain (i.e. before the
demodulator), causing it to be updated 2
bits before the corresponding data is
available on the DIO pin.
In transmit mode DCLK_CS must be set to
0. Refer to CC1021 Errata Note 001.
22.
PA_EN and LNA_EN Digital Output Pins
22.1. Interfacing an External LNA or PA
CC1021 has two digital output pins, PA_EN
and LNA_EN, which can be used to
control an external LNA or PA. The
functionality of these pins are controlled
through the INTERFACE register. The
outputs can also be used as general digital
output control signals.
EXT_PA_POL and EXT_LNA_POL control
the active polarity of the signals.
EXT_PA and EXT_LNA control the
function of the pins. If EXT_PA = 1, then
the PA_EN pin will be activated when the
internal PA is turned on. Otherwise, the
EXT_PA_POL bit controls the PA_EN pin
directly. If EXT_LNA = 1, then the
LNA_EN pin will be activated when the
internal LNA is turned on. Otherwise, the
EXT_LNA_POL bit controls the LNA_EN
pin directly.
These two pins can therefore also be used
as two general control signals, section
21.2. In the Chipcon reference design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com