Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 89 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 89 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments CC1021-RTR1 Datasheet HTML 86Page - Texas Instruments CC1021-RTR1 Datasheet HTML 87Page - Texas Instruments CC1021-RTR1 Datasheet HTML 88Page - Texas Instruments CC1021-RTR1 Datasheet HTML 89Page - Texas Instruments CC1021-RTR1 Datasheet HTML 90Page - Texas Instruments CC1021-RTR1 Datasheet HTML 91Page - Texas Instruments CC1021-RTR1 Datasheet HTML 92Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
CC1021
SWRS045
Page 89 of 91
29.
General Information
Document Revision History
Revision
Date
Description/Changes
1.0
February 2004
First edition
1.1
December 2004
The various sections have been reorganized to improve readability
Added chapter numbering
Reorganized electrical specification section
Electrical specifications updated
Changes to sensitivity figures
Changes to TX spurious emission and harmonics figures
Changes to current consumption figures in RX and TX mode and crystal
oscillator, bias and synthesizer mode
Changes to noise figure
Added figures on modulation bandwidth
Updates to section on input / output matching
Updates to section on VCO and PLL self-calibration
Updates to section on VCO, charge pump and PLL loop filter
Updates to section on receiver channel filter bandwidth
Updates to section on RSSI
Updates to section on image rejection calibration
Updates to section on preamble length and sync word
Description of OOK modulation and demodulation merged into one section
New bill of materials for operation at 433 MHz and 868/915 MHz
Added recommended PCB footprint for package (QFN 32)
Added information that there should be no via at ìpin #1 cornerî (section 27.2)
Added list of abbreviations
Changes to ordering information
1.2
October 2005
RSSI dynamic range changed from 63 dB to 55 dB
Recommended CAL_ITERATE changed from 5 to 4
PLL timeout in ìAutomatic power-up sequencing flow chartî changed from
1024 filter clocks to 127 filter clocks
Calibration routine flow chart changed in accordance to CC1021 Errata Note
002
Added chapter on TX data latency
1.3
January 2006
Updates to Ordering Information and Address Information
Product Status Definitions
Data Sheet Identification
Product Status
Definition
Advance Information
Planned or Under
Development
This data sheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
Engineering Samples
and First Production
This data sheet contains preliminary data, and
supplementary data will be published at a later date.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
No Identification Noted
Full Production
This data sheet contains the final specifications.
Chipcon reserves the right to make changes at any
time without notice in order to improve design and
supply the best possible product.
Obsolete
Not In Production
This data sheet contains specifications on a product
that has been discontinued by Chipcon. The data
sheet is printed for reference information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com