Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 86 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 86 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 82Page - Texas Instruments CC1021-RTR1 Datasheet HTML 83Page - Texas Instruments CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments CC1021-RTR1 Datasheet HTML 86Page - Texas Instruments CC1021-RTR1 Datasheet HTML 87Page - Texas Instruments CC1021-RTR1 Datasheet HTML 88Page - Texas Instruments CC1021-RTR1 Datasheet HTML 89Page - Texas Instruments CC1021-RTR1 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
CC1021
SWRS045
Page 86 of 91
Quad Flat Pack - No Lead Package (QFN)
D
E
A
A1
e
b
L
D1
E1
P
QFN 32
Min
Max
7.0
7.0
0.8
0.9
1.0
0.203
0.65
0.25
0.30
0.35
0.45
0.55
0.65
4.18
4.28
4.38
4.18
4.28
4.38
45°
All dimensions in mm. Angles are in degrees.
Package is compliant with JEDEC: MO-220.
Note: Do not place a via underneath CC1021 at ìpin #1 cornerî as this pin is internally
connected to the exposed die attached pad, which is the main ground connection for the chip.
27.1. Package Marking
When contacting technical support with a chip-related question, please state the entire
marking information, not just the date code.
Standard leaded
0409123
0409 is the date code (year 04, week 09)
123 is the lot code
RoHS compliant Pb-free
A409123
409 is the date code (year 4, week 09)
123 is the lot code
A means RoHS compliant Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com