Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 54 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments CC1021-RTR1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
CC1021
SWRS045
Page 54 of 91
17.
Power Management
CC1021 offers great flexibility for power
management in order to meet strict power
consumption requirements in battery-
operated applications. Power down mode
is controlled through the MAIN register.
There are separate bits to control the RX
part,
the
TX
part,
the
frequency
synthesizer and the crystal oscillator in the
MAIN register. This individual control can
be used to optimize for lowest possible
current consumption in each application.
Figure 30 shows a typical power-on and
initializing sequence for minimum power
consumption.
Figure 31 shows a typical sequence for
activating RX and TX mode from power
down
mode
for
minimum
power
consumption.
Note that PSEL should be tri-stated or set
to a high level during power down mode in
order to prevent a trickle current from
flowing in the internal pull-up resistor.
Application Note AN023 CC1020 MCU
Interfacing is also applicable for the
CC1021. This application note includes
example source code and is available from
the Chipcon web site.
Chipcon recommends resetting the CC1021
(by clearing the RESET_N bit in the MAIN
register) when the chip is powered up
initially. All registers that need to be
configured should then be programmed
(those which differ from their default
values). Registers can be programmed
freely in any order. The CC1021 should
then be calibrated in both RX and TX
mode. After this is completed, the CC1021
is ready for use. See the detailed
procedure flowcharts in Figure 29 - Figure
31.
With reference to Application Note AN023
CC1020
MCU
Interfacing
Chipcon
recommends the following sequence. Note
that the CC1020 sub-routines are equally
applicable for the CC1021.
After power up:
1) ResetCC1020
2) Initialize
3) WakeUpCC1020ToRX
4) Calibrate
5) WakeUpCC1020ToTX
6) Calibrate
After calibration is completed, enter TX
mode
(SetupCC1020TX),
RX
mode
(SetupCC1020RX) or power down mode
(SetupCC1020PD)
From power-down mode to RX:
1) WakeUpCC1020ToRX
2) SetupCC1020RX
From power-down mode to TX:
1) WakeUpCC1020ToTX
2) SetupCC1020TX
Switching from RX to TX mode:
1) SetupCC1020TX
Switching from TX to RX mode:
1) SetupCC1020RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com