Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 49Page - Texas Instruments CC1021-RTR1 Datasheet HTML 50Page - Texas Instruments CC1021-RTR1 Datasheet HTML 51Page - Texas Instruments CC1021-RTR1 Datasheet HTML 52Page - Texas Instruments CC1021-RTR1 Datasheet HTML 53Page - Texas Instruments CC1021-RTR1 Datasheet HTML 54Page - Texas Instruments CC1021-RTR1 Datasheet HTML 55Page - Texas Instruments CC1021-RTR1 Datasheet HTML 56Page - Texas Instruments CC1021-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
CC1021
SWRS045
Page 53 of 91
Loop
filter no.
C6
[nF]
C7
[pF]
C8
[pF]
R2
[kΩ]
R3
[kΩ]
PLL turn-on time
[us]
Comment
1
56
2200
560
3.3
10
1400
Up to 9.6 kBaud data rate.
±5 kHz settling accuracy
2
15
560
150
5.6
18
1300
Up to 19.2 kBaud data rate.
±10 kHz settling accuracy
3
3.9
120
33
12
39
1080
Up to 38.4 kBaud data rate.
±15 kHz settling accuracy
4
1.0
27
3.3
27
82
950
Up to 76.8 kBaud data rate.
±20 kHz settling accuracy
5
0.2
1.5
-
47
150
700
Up to 153.6 kBaud data rate.
±50 kHz settling accuracy
Table 25. Typical PLL turn-on time to within specified accuracy for different loop filter
bandwidths.
15.4. PLL Lock Time versus Loop Filter Bandwidth
If calibration has been performed the PLL
lock time is the time needed for the PLL to
lock to the desired frequency when going
from RX to TX mode or vice versa. The
PLL lock time depends on the PLL loop
filter bandwidth. Table 26 gives the PLL
lock time for different PLL loop filter
bandwidths.
PLL lock time
[us]
Loop
filter
no.
C6
[nF]
C7
[pF]
C8
[pF]
R2
[kΩ]
R3
[kΩ]
1
2
3
Comment
1
56
2200
560
3.3
10
400
140
(50 kHz)
490
Up to 9.6 kBaud data rate.
±5 kHz settling accuracy
2
15
560
150
5.6
18
140
70
(100 kHz)
230
Up to 19.2 kBaud data rate.
±10 kHz settling accuracy
3
3.9
120
33
12
39
75
50
(150 kHz)
180
Up to 38.4 kBaud data rate.
±15 kHz settling accuracy
4
1.0
27
3.3
27
82
30
15
(200 kHz)
55
Up to 76.8 kBaud data rate.
±20 kHz settling accuracy
5
0.2
1.5
-
47
150
14
14
(500 kHz)
28
Up to 153.6 kBaud data rate.
±50 kHz settling accuracy
Table 26. Typical PLL lock time to within specified accuracy for different loop filter
bandwidths. 1) 307.2 kHz step, 2) step as given in brackets, 3) 1 MHz step.
16.
VCO and LNA Current Control
The VCO current is programmable and
should be set according to operating
frequency, RX/TX mode and output power.
Recommended
settings
for
the
VCO_CURRENT bits in the VCO register
are shown in the register overview and
also given by SmartRFStudio. The VCO
current for frequency FREQ_A and
FREQ_B
can
be
programmed
independently.
The bias currents for the LNA, mixer and
the LO and PA buffers are also
programmable. The FRONTEND and the
BUFF_CURRENT registers control these
currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com