Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021-RTR1 Datasheet(PDF) 82 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 78Page - Texas Instruments CC1021-RTR1 Datasheet HTML 79Page - Texas Instruments CC1021-RTR1 Datasheet HTML 80Page - Texas Instruments CC1021-RTR1 Datasheet HTML 81Page - Texas Instruments CC1021-RTR1 Datasheet HTML 82Page - Texas Instruments CC1021-RTR1 Datasheet HTML 83Page - Texas Instruments CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments CC1021-RTR1 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
CC1021
SWRS045
Page 82 of 91
TEST6 Register (26h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST6[7:4]
-
0
-
Reserved, write 0
TEST6[3]
VGA_OVERRIDE
0
-
Override VGA settings
TEST6[2]
AC1O
0
-
Override value to first AC coupler in VGA
0: Approx. 0 dB gain
1: Approx. 12 dB gain
TEST6[1:0]
AC2O[1:0]
0
-
Override value to second AC coupler in VGA
0: Approx. 0 dB gain
1: Approx. 3 dB gain
2: Approx. 12 dB gain
3: Approx. 15 dB gain
TEST7 Register (27h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST7[7:6]
-
0
-
Reserved, write 0
TEST7[5:4]
VGA1O[1:0]
0
-
Override value to VGA stage 1
TEST7[3:2]
VGA2O[1:0]
0
-
Override value to VGA stage 2
TEST7[1:0]
VGA3O[1:0]
0
-
Override value to VGA stage 3
STATUS Register (40h, read only)
REGISTER
NAME
Default
value
Active
Description
STATUS[7]
CAL_COMPLETE
-
H
Set to 0 when PLL calibration starts, and set to 1 when
calibration has finished
STATUS[6]
SEQ_ERROR
-
H
Set to 1 when PLL failed to lock during automatic power-
up sequencing
STATUS[5]
LOCK_INSTANT
-
H
Instantaneous PLL lock indicator
STATUS[4]
LOCK_CONTINUOUS
-
H
PLL lock indicator, as defined by LOCK_ACCURACY.
Set to 1 when PLL is in lock
STATUS[3]
CARRIER_SENSE
-
H
Carrier sense when RSSI is above CS_LEVEL
STATUS[2]
LOCK
-
H
Logical level on LOCK pin
STATUS[1]
DCLK
-
H
Logical level on DCLK pin
STATUS[0]
DIO
-
H
Logical level on DIO pin
RESET_DONE Register (41h, read only)
REGISTER
NAME
Default
value
Active
Description
RESET_DONE[7]
ADC_RESET_DONE
-
H
Reset of ADC control logic done
RESET_DONE[6]
AGC_RESET_DONE
-
H
Reset of AGC (VGA control) logic done
RESET_DONE[5]
GAUSS_RESET_DONE
-
H
Reset of Gaussian data filter done
RESET_DONE[4]
AFC_RESET_DONE
-
H
Reset of AFC / FSK decision level logic done
RESET_DONE[3]
BITSYNC_RESET_DONE
-
H
Reset of modulator, bit synchronization logic
and PN9 PRBS generator done
RESET_DONE[2]
SYNTH_RESET_DONE
-
H
Reset digital part of frequency synthesizer
done
RESET_DONE[1]
SEQ_RESET_DONE
-
H
Reset of power-up sequencing logic done
RESET_DONE[0]
CAL_LOCK_RESET_DONE
-
H
Reset of calibration logic and lock detector
done
RSSI Register (42h, read only)
REGISTER
NAME
Default
value
Active
Description
RSSI[7]
-
-
-
Not in use, will read 0
RSSI[6:0]
RSSI[6:0]
-
-
Received signal strength indicator.
The relative power is given by RSSI x 1.5 dB in a logarithmic
scale.
The VGA gain set by VGA_SETTING must be taken into
account. See page 33 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com