Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 4 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 4 Page - Texas Instruments

  DIR1703 Datasheet HTML 1Page - Texas Instruments DIR1703 Datasheet HTML 2Page - Texas Instruments DIR1703 Datasheet HTML 3Page - Texas Instruments DIR1703 Datasheet HTML 4Page - Texas Instruments DIR1703 Datasheet HTML 5Page - Texas Instruments DIR1703 Datasheet HTML 6Page - Texas Instruments DIR1703 Datasheet HTML 7Page - Texas Instruments DIR1703 Datasheet HTML 8Page - Texas Instruments DIR1703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
PIN ASSIGNMENTS
8
7
6
5
4
3
2
1
AUDIO
FSOUT0
FSOUT1
SCKO
V
DD
DGND
XTO
XTI
CLKST
LRCKO
BCKO
DOUT
PSCK0
PSCK1
21
22
23
24
25
26
27
28
CKSEL
ERROR
FMT1
FMT0
V
CC
AGND
FILT
RST
RXIN
RSV
BFRAME
EMPH
UOUT
COUT
14
13
12
11
10
9
15
16
17
18
19
20
DIR9001
(TOP VIEW)
DIR9001
SLES198 – DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VDD = VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to DGND
ICC
Supply current(7)
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
130
µA
fS = 96 kHz, PLL locked, XTI connected
6
8.3
mA
to DGND
IDD
Supply current(7)
fS = 96 kHz, PLL locked, XTI connected
9
12.4
mA
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
72
µA
fS = 96 kHz, PLL locked, XTI connected
40
55
mW
to DGND
PD
Power dissipation (7)
fS = 96 kHz, PLL locked, XTI connected
50
68
mW
to 24.576-MHz resonator
RXIN = H or L, XTI = L, RST = L
0.67
mW
TEMPERATURE RANGE
TA
Operation temperature range
–40
85
°C
θ
JA
Thermal resistance
28-pin T-SSOP
105
°C/W
(7)
No load connected to SCKO, BCKO, LRCKO, DOUT, COUT, VOUT, BFRAME, FSOUT0, FSOUT1, CLKST, ERROR, EMPH, AUDIO
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com