Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 2 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 2 Page - Texas Instruments

  DIR1703 Datasheet HTML 1Page - Texas Instruments DIR1703 Datasheet HTML 2Page - Texas Instruments DIR1703 Datasheet HTML 3Page - Texas Instruments DIR1703 Datasheet HTML 4Page - Texas Instruments DIR1703 Datasheet HTML 5Page - Texas Instruments DIR1703 Datasheet HTML 6Page - Texas Instruments DIR1703 Datasheet HTML 7Page - Texas Instruments DIR1703 Datasheet HTML 8Page - Texas Instruments DIR1703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DIR9001
SLES198 – DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
over operating free-air temperature range (unless otherwise noted) (1)
VALUE
UNIT
VCC
Supply voltage
–0.3 to 4
V
VDD
VCC to VDD
Supply voltage differences
±0.1
V
AGND to DGND
Ground voltage differences
±0.1
V
Digital input
–0.3 to 6.5
Digital input voltage
V
Digital output
–0.3 to (VDD + 0.3) < 4
XTI, XTO
–0.3 to (VCC + 0.3) < 4
Analog input voltage
V
FILT
–0.3 to (VCC + 0.3) < 4
Input current (any pins except supplies)
±10
mA
Ambient temperature under bias
–40 to 125
°C
Storage temperature
–55 to 150
°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (reflow, peak)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Analog supply voltage
2.7
3.3
3.6
VDC
VDD
Digital supply voltage
2.7
3.3
3.6
VDC
XTI is connected to clock source
24.576
MHz
Digital input clock frequency
XTI is connected to DGND
Not required
MHz
Digital output load capacitance, except SCKO
20
pF
Digital output load capacitance (SCKO)
10
pF
TA
Operating free-air temperature
–40
85
°C
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com