Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 17 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 13Page - Texas Instruments DIR1703 Datasheet HTML 14Page - Texas Instruments DIR1703 Datasheet HTML 15Page - Texas Instruments DIR1703 Datasheet HTML 16Page - Texas Instruments DIR1703 Datasheet HTML 17Page - Texas Instruments DIR1703 Datasheet HTML 18Page - Texas Instruments DIR1703 Datasheet HTML 19Page - Texas Instruments DIR1703 Datasheet HTML 20Page - Texas Instruments DIR1703 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
DATA DESCRIPTION
Decoded Serial Audio Data Output and Interface Format
BiphaseSignal(IN)
t
LATE
BFRAME(OUT)
LRCKO(OUT)
(I S)
2
LRCKO(OUT)
(ExceptI S)
2
DOUT (OUT)
B
W
M
W
0L
0R
1L
1R
0L
0R
1L
1R
17BCK
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 supports following 4-data formats for the decoded data.
• 16-bit, MSB-first, right-justified
• 24-bit, MSB-first, right-justified
• 24-bit, MSB-first, left-justified
• 24-bit, MSB-first, I2S
Decoded data is MSB first and 2s-complement in all formats.
The decoded data is provided through the DOUT pin.
The format of the decoded data is selected by the FMT[1:0] pins.
The data formats for each FMT[1:0] pin setting are shown in Table 7.
Table 7. Serial Audio Data Output Format Set by FMT[1:0]
FMT[1:0] SETTINGS
DOUT SERIAL AUDIO DATA OUTPUT FORMAT
FMT1
FMT0
L
L
16-bit, MSB-first, right-justified
L
H
24-bit, MSB-first, right-justified
H
L
24-bit MSB-first, left-justified
H
H
24-bit, MSB-first, I2S
PARAMETERS
MIN
TYP
MAX
UNIT
tLATE
LRCKO/DOUT latency
3/fS
s
Figure 10. Latency Time Between Biphase Input and LRCKO/DOUT
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com