Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 10 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 6Page - Texas Instruments DIR1703 Datasheet HTML 7Page - Texas Instruments DIR1703 Datasheet HTML 8Page - Texas Instruments DIR1703 Datasheet HTML 9Page - Texas Instruments DIR1703 Datasheet HTML 10Page - Texas Instruments DIR1703 Datasheet HTML 11Page - Texas Instruments DIR1703 Datasheet HTML 12Page - Texas Instruments DIR1703 Datasheet HTML 13Page - Texas Instruments DIR1703 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
OPERATION MODE AND CLOCK TRANSITION SIGNAL OUT
Operation Mode
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 has the following three operation modes.
These modes are selected by the connection of the CKSEL pin.
• PLL MODE: For demodulating a biphase input signal; always outputs PLL source clock
• XTI MODE: For clock generator; always outputs XTI source clock
• AUTO MODE: Automatic clock source selection; output source depends on ERROR pin.
Notes about operation mode selection:
• Normally, the PLL mode: CKSEL = L is selected to decode a biphase input signal.
• The XTI mode is a mode that supplies the XTI source clock to peripheral devices (A/D converters, etc);
therefore, recovered clock and decoded data is not output.
• When the XTI source is not used, an XTI source is not required. In this case, clocks are not output in the XTI
mode.
• At the time of XTI mode selection, biphase decode function continues to operate. Therefore, the biphase
input status (ERROR) and the result of the sampling frequency calculator (a required XTI source for
operation), are always monitored. That is, the following output pins: ERROR, BFRAME, FSOUT[1:0], CLKST,
AUDIO and EMPH are always enabled.
The details of these three modes are given in Table 2.
Table 2. Operation Mode and Clock Source
OPERATION
CKSEL PIN
ERROR
DOUT DATA
AUDIO
FSOUT
BFRAME
COUT
SCKO, BCKO, LRCKO
MODE
SETTING
PIN
EMPH
[1:0]
UOUT
CLOCK SOURCE
STATUS
H
PLL (VCO) free-running
MUTE (Low)
LOW
HL
LOW
LOW
clock(1)
PLL
L
L
PLL recovered clock
Decoded data
OUT
OUT
OUT
OUT
H
XTI clock
MUTE (Low)
LOW
HL
LOW
LOW
XTI
H
L
XTI clock
MUTE (Low)
OUT
OUT
OUT
LOW
H
XTI clock
MUTE (Low)
LOW
HL
LOW
LOW
Connected to
AUTO
ERROR pin
L
PLL recovered clock
Decoded data
OUT
OUT
OUT
OUT
(1)
The VCO free-running frequency is not a constant frequency, because the VCO oscillation frequency is dependent on supply voltage,
temperature, and process variations.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com