Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 27 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 22Page - Texas Instruments DIR1703 Datasheet HTML 23Page - Texas Instruments DIR1703 Datasheet HTML 24Page - Texas Instruments DIR1703 Datasheet HTML 25Page - Texas Instruments DIR1703 Datasheet HTML 26Page - Texas Instruments DIR1703 Datasheet HTML 27Page - Texas Instruments DIR1703 Datasheet HTML 28Page - Texas Instruments DIR1703 Datasheet HTML 29Page - Texas Instruments DIR1703 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
www.ti.com
DIR9001
SLES198 – DECEMBER 2006
The differences between the DIR1703 and DIR9001 I/O pins are shown in Table 13.
Table 13. The Differences Between DIR1703 and DIR9001 in All I/O Pin
PIN NO.
DIR1703
DIR9001
DIFFERENCES
DESCRIPTIONS OF DIR9001
1
ADFLG
AUDIO
Pin name only
Channel-status data information of non-audio sample word, active-low
2
BRATE0
FSOUT0
Pin name only
Actual-sampling-frequency calculated result output 0
3
BRATE1
FSOUT1
Pin name only
Actual-sampling-frequency calculated result output 1
4
SCKO
SCKO
Same function
System clock output
5
VDD
VDD
Same function
Digital power supply, 3.3-V
6
DGND
DGND
Same function
Digital ground
7
XTO
XTO
Same function
Oscillation amplifier output
8
XTI
XTI
Same function
Oscillation amplifier input, or external XTI source clock input
9
CKTRNS
CLKST
CLKST is active-high
Clock change/transition signal output
10
LRCKO
LRCKO
Same function
Audio data latch enable output
11
BCKO
BCKO
Same function
Audio data bit clock output
12
DOUT
DOUT
Same function
16 bit–24 bit decoded serial digital audio data output
13
SCF0
PSCK0
Pin name only
SCKO output frequency selection 0
14
SCF1
PSCK1
Pin name only
SCKO output frequency selection 1
15
CSBIT
COUT
Pin name only
Channel-status data serial output synchronized with LRCKO
16
URBIT
UOUT
Pin name only
User data serial output synchronized with LRCKO
17
EMFLG
EMPH
Pin name only
Channel-status data Information of pre-emphasis (50
µs/15 µs)
18
BFRAME
BFRAME
Same function
Indication of top block of biphase input signal
19
BRSEL
RSV
Reserved
Reserved, must be connected to DGND
20
DIN
RXIN
Pin name only
Biphase digital data input
21
RST
RST
Same function
Reset control input, active-low
22
FILT
FILT
Same function
External filter connection terminal. Recommended filter must be
connected.
23
AGND
AGND
Same function
Analog ground
24
VCC
VCC
Same function
Analog power supply, 3.3-V
25
FMT0
FMT0
Same function
Decoded serial digital audio data output format selection 0
26
FMT1
FMT1
Same function
Decoded serial digital audio data output format selection 1
27
UNLOCK
ERROR
Pin name only
Indication of internal PLL or data parity error
28
CKSEL
CKSEL
Same function
Selection of system clock source, Low: PLL (VCO) clock, High: XTI clock
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com