Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 9 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 5Page - Texas Instruments DIR1703 Datasheet HTML 6Page - Texas Instruments DIR1703 Datasheet HTML 7Page - Texas Instruments DIR1703 Datasheet HTML 8Page - Texas Instruments DIR1703 Datasheet HTML 9Page - Texas Instruments DIR1703 Datasheet HTML 10Page - Texas Instruments DIR1703 Datasheet HTML 11Page - Texas Instruments DIR1703 Datasheet HTML 12Page - Texas Instruments DIR1703 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
SYSTEM RESET
V
DD
2.7 V
Min. 100 ns
Reset
RST
Operation
Unknown
DIR9001
Status
DIR9001
SLES198 – DECEMBER 2006
DEVICE INFORMATION (continued)
The DIR9001 reset function is controlled by and external reset pin, RST.
The reset operation must be performed during the power-up sequence as shown in Figure 4. Specifically, the
DIR9001 requires reset operation with a 100-ns period after the supply voltage rises above 2.7 V.
Figure 4. Required System Reset Timing
The state of each output pins during reset is shown in Table 1.
Table 1. Output-Pin States During Reset Period
CLASSIFICATION
PIN NAME
WHILE RST = L
BCKO
L
Clock
LRCKO
L
SCKO
L
Data
DOUT
L
AUDIO
L
BFRAME
L
CLKST
L
COUT
L
Flag and status
EMPH
L
ERROR
H
FSOUT0
L
FSOUT1
L
UOUT
L
Oscillation amplifier
XTO
Output
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com