Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 14 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 10Page - Texas Instruments DIR1703 Datasheet HTML 11Page - Texas Instruments DIR1703 Datasheet HTML 12Page - Texas Instruments DIR1703 Datasheet HTML 13Page - Texas Instruments DIR1703 Datasheet HTML 14Page - Texas Instruments DIR1703 Datasheet HTML 15Page - Texas Instruments DIR1703 Datasheet HTML 16Page - Texas Instruments DIR1703 Datasheet HTML 17Page - Texas Instruments DIR1703 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
www.ti.com
SCKO (O)
BCKO (O)
LRCKO (O)
XTI (I)
XTO (O)
VCO
RXIN
Built-in PLL
Clock Recovery
1/N
1/N
PLL Clock Source
1/N
1/4
1/64
XTI Clock Source
CKSEL (I)
Oscillation Amplifier
ClockSource
Selector
[PSCK1]
[PSCK0]
PLL Clock Source (Built-In PLL and VCO) Description
DIR9001
SLES198 – DECEMBER 2006
Figure 7. Clock Tree Diagram
The DIR9001 has on-chip PLL (including VCO) for recovering the clock from the biphase input signal.
The clock that is output from the built-in VCO is defined as the PLL clock source.
In the locked state, the built-in PLL generates a system clock that synchronizes with the biphase input signal.
In the unlocked state, the built-in PLL (VCO) generates a free-running clock. (The frequency is not constant.)
The PLL can support a system clock of 128 fS, 256 fS, 384 fS, or 512 fS, where fS is the sampling frequency of
the biphase input signal.
The system clock frequency of the PLL is selected by PSCK[1:0].
The DIR9001 can decode a biphase input signal through its 28 sampling-frequency range of kHz to 108 kHz,
independent of the setting of PSCK[1:0].
Therefore, the DIR9001 can decode a biphase input signal with a sampling frequency from 28 kHz to 108 kHz at
all settings of PSCK[1:0]
The relationship between the PSCK[1:0] selection and the output clock (SCKO, BCKO, LRCKO) from the PLL
source is shown in Table 3.
Table 3. SCKO, BCKO, and LRCKO Frequencies Set by PSCK[1:0]
PSCK[1:0] SETTING
OUTPUT CLOCK FROM PLL SOURCE
PSCK1
PSCK0
SCKO
BCKO
LRCKO
L
L
128 fS
64 fS
fS
L
H
256 fS
64 fS
fS
H
L
384 fS
64 fS
fS
H
H
512 fS
64 fS
fS
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com