Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703 Datasheet(PDF) 1 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 1 Page - Texas Instruments

  DIR1703 Datasheet HTML 1Page - Texas Instruments DIR1703 Datasheet HTML 2Page - Texas Instruments DIR1703 Datasheet HTML 3Page - Texas Instruments DIR1703 Datasheet HTML 4Page - Texas Instruments DIR1703 Datasheet HTML 5Page - Texas Instruments DIR1703 Datasheet HTML 6Page - Texas Instruments DIR1703 Datasheet HTML 7Page - Texas Instruments DIR1703 Datasheet HTML 8Page - Texas Instruments DIR1703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
DIR9001
SLES198 – DECEMBER 2006
96-kHz, 24-Bit Digital Audio Interface Receiver
• AV/DVD Receiver, AV Amplifier
• One-Chip Digital Audio Interface Receiver
(DIR) Including Low-Jitter Clock-Recovery
• Car or Mobile Audio System
System
• Digital Television
• Compliant With Digital Audio Interface
• Musical Instruments
Standards: IEC60958 (former IEC958), JEITA
• Recording Systems
CPR-1205 (former EIAJ CP-1201, CP-340),
• High-End Audio/Sound Card for PC
AES3, EBU tech3250
• Replacement of DIR1703
• Clock Recovery and Data Decode From
• Other Applications Requiring S/PDIF Receiver
Biphase Input Signal, Generally Called S/PDIF,
EIAJ CP-1201, IEC60958, AES/EBU
• Biphase Input Signal Sampling Frequency (f
S)
The DIR9001 is a digital audio interface receiver that
Range: 28 kHz to 108 kHz
can
receive
a
28-kHz
to
108-kHz
sampling-
• Low-Jitter Recovered System Clock: 50 ps
frequency, 24-bit-data-word, biphase-encoded signal.
The DIR9001 complies with IEC60958-3, JEITA
• Jitter Tolerance Compliant With IEC60958-3
CPR-1205 (Revised version of EIAJ CP-1201),
• Selectable Recovered System Clock: 128 f
S,
AES3, EBUtech3250, and it can be used in various
256 fS, 384 fS, 512 fS
applications that require a digital audio interface.
• Serial Audio Data Output Formats: 24-Bit I2S;
The DIR9001 supports many output system clock
MSB-First, 24-Bit Left-Justified; MSB-First 16-,
and output data formats and can be used flexibly in
24-Bit Right-Justified
many application systems. As the all functions which
• User Data, Channel-Status Data Outputs
the DIR9001 provides can be controlled directly
Synchronized With Decoded Serial Audio Data
through control pins, it can be used easily in an
application
system
that
does
not
have
a
• No External Clock Required for Decode
microcontroller. Also, as dedicated pins are provided
• Includes Actual Sampling Frequency
for
the
channel-status
bit
and
user-data
bit,
Calculator (Needs External 24.576-MHz Clock)
processing
of
their
information
can
be
easily
• Function Control: Parallel (Hardware)
accomplished by connecting with a microcontroller,
DSP, etc.
• Functions Similar and Pin Assignments
Equivalent to Those of DIR1703
The DIR9001 does not require an external clock
source or resonator for decode operation if the
• Single Power Supply: 3.3 V (2.7 V to 3.6 V)
internal actual-sampling-frequency calculator is not
• Wide Operating Temperature Range: –40°C to
used. Therefore, it is possible to reduce the cost of a
85
°C
system.
• 5 V-Tolerant Digital Inputs
The operating temperature range of the DIR9001 is
• Package: 28-pin TSSOP, Pin Pitch: 0,65 mm
specified as –40
°C to 85°C, which makes it suitable
for automotive applications.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SpAct is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DIR1703

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1703E BURR-BROWN-DIR1703E Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
DIR1703E/2K BURR-BROWN-DIR1703E/2K Datasheet
236Kb / 19P
DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - DIR1703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com